Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QT1+T+G Datasheet(PDF) 8 Page - Quantum Research Group

Part No. QT1+T+G
Description  CHARGE-TRANSFER TOUCH SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1+T+G Datasheet(HTML) 8 Page - Quantum Research Group

Back Button QT1+T+G Datasheet HTML 4Page - Quantum Research Group QT1+T+G Datasheet HTML 5Page - Quantum Research Group QT1+T+G Datasheet HTML 6Page - Quantum Research Group QT1+T+G Datasheet HTML 7Page - Quantum Research Group QT1+T+G Datasheet HTML 8Page - Quantum Research Group QT1+T+G Datasheet HTML 9Page - Quantum Research Group QT1+T+G Datasheet HTML 10Page - Quantum Research Group QT1+T+G Datasheet HTML 11Page - Quantum Research Group QT1+T+G Datasheet HTML 12Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
3.4 EMC AND RELATED NOISE ISSUES
External AC fields (EMI) due to RF transmitters or electrical
noise sources can cause false detections or unexplained
shifts in sensitivity.
The influence of external fields on the sensor is reduced by
means of the Rseries described in Section 3.2. The Cs
capacitor and Rseries (see Figure 1-1) form a natural
low-pass filter for incoming RF signals; the roll-off frequency
of this network is defined by -
FR =
1
2✜RseriesCs
If for example Cs = 22nF, and Rseries = 10K ohms, the rolloff
frequency to EMI is 723Hz, vastly lower than any credible
external noise source (except for mains frequencies i.e. 50 /
60 Hz). However, Rseries and Cs must both be placed very
close to the body of the IC so that the lead lengths between
them and the IC do not form an unfiltered antenna at very
high frequencies.
PCB layout, grounding, and the structure of the input circuitry
have a great bearing on the success of a design to withstand
electromagnetic fields and be relatively noise-free.
In brief summary, the following design rules should be
adhered to for best ESD and EMC results:
1. Use only SMT components.
2. Keep Cs, Rs, Re and Vdd bypass cap close to the IC.
3. Maximize Re to the limit where sensitivity is not
noticeably affected.
4. Do not place the electrode or its connecting trace near
other traces, or near a ground plane.
5. Do use a ground plane under and around the QT118
itself, back to the regulator and power connector (but not
beyond the Cs capacitor).
6. Do not place an electrode (or its wiring) of one QT
device near the electrode or wiring of another device, to
prevent cross interference.
7. Keep the electrode (and its wiring) away from other
traces carrying AC or switched signals.
8. If there are LEDs or LED wiring near the electrode or its
wiring (ie for backlighting of the key), bypass the LED
wiring to ground on both its ends.
9. Use a voltage regulator just for the QT118 to eliminate
power noise coupling from other switching sources.
Make sure the regulator’s transient load stability provides
for stable voltage just before each burst commences.
For further tips on construction, PCB design, and EMC issues
browse the application notes and faq at www.qprox.com
lq
8
QT118H R1.08 / 0405


Similar Part No. - QT1+T+G

ManufacturerPart No.DatasheetDescription
Quantum Research Group
Quantum Research Group
QT1+10G QUANTUM-QT1+10G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT1+IG QUANTUM-QT1+IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1+T+G

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
Quantum Research Group
Quantum Research Group
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
ATMEL Corporation
ATMEL Corporation
AT42QT5480 ATMEL-AT42QT5480 Datasheet
235Kb / 10P
   Patented charge-transfer (transverse mode)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz