Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QT1+T+G Datasheet(PDF) 10 Page - Quantum Research Group

Part No. QT1+T+G
Description  CHARGE-TRANSFER TOUCH SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1+T+G Datasheet(HTML) 10 Page - Quantum Research Group

Back Button QT1+T+G Datasheet HTML 6Page - Quantum Research Group QT1+T+G Datasheet HTML 7Page - Quantum Research Group QT1+T+G Datasheet HTML 8Page - Quantum Research Group QT1+T+G Datasheet HTML 9Page - Quantum Research Group QT1+T+G Datasheet HTML 10Page - Quantum Research Group QT1+T+G Datasheet HTML 11Page - Quantum Research Group QT1+T+G Datasheet HTML 12Page - Quantum Research Group QT1+T+G Datasheet HTML 13Page - Quantum Research Group QT1+T+G Datasheet HTML 14Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
4.5 DC SPECIFICATIONS
Vdd = 3.0, Cs = 10nF, Rs = 470K, Cx = 10pF, Gain = High, Ta = 20OC Unless otherwise noted.
Note 2
fF
28
1,000
Sensitivity range
S
bits
14
9
Acquisition resolution
AR
OPT1, OPT2
µA
±1
Input leakage current
IIL
OUT, 1mA source
V
Vdd-0.7
High output voltage
VOH
OUT, 4mA sink
V
0.6
Low output voltage
VOL
OPT1, OPT2
V
2.2
High input logic level
VHL
OPT1, OPT2
V
0.8
Low input logic level
VIL
Required for proper startup
V/s
100
Supply turn-on slope
VDDS
@ Vdd = 5.0V
@ Vdd = 3.3V
@ Vdd = 2.5V
µA
30
10
8
Supply current
IDD
-E suffix
V
2.95
Guaranteed min Vdd
VDDL
-I suffix
V
2.45
Guaranteed min Vdd
VDDL
Notes
Units
Max
Typ
Min
Description
Parameter
lq
10
QT118H R1.08 / 0405
Figure 4-2 - Typical Threshold Sensitivity vs. Cx,
Medium Gain, Selected Values of Cs; Vdd = 3.0
0.01
0.10
1.00
10.00
0
1020
3040
Cx Load, pF
10nF
20nF
50nF
100nF
200nF
500nF
Figure 4-1 - Typical Threshold Sensitivity vs. Cx,
High Gain, at Selected Values of Cs; Vdd = 3.0
0.01
0.10
1.00
10.00
0
102030
40
Cx Load, pF
10nF
20nF
50nF
100nF
200nF
500nF
Figure 4-3 Typical Supply Current Vs Vdd
Rs = 470K, Cx = 10pF, Gain = High
5
10
15
20
25
30
35
40
2.5
3
3.5
4
4.5
5
Vdd
...
Cs = 20nF
Cs = 10nF


Similar Part No. - QT1+T+G

ManufacturerPart No.DatasheetDescription
Quantum Research Group
Quantum Research Group
QT1+10G QUANTUM-QT1+10G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT1+IG QUANTUM-QT1+IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1+T+G

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
QT113H ATMEL-QT113H Datasheet
179Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
Quantum Research Group
Quantum Research Group
QT113 QUANTUM-QT113 Datasheet
343Kb / 12P
   CHARGE-TRANSFER TOUCH SENSOR
QTM1001 QUANTUM-QTM1001 Datasheet
547Kb / 4P
   Charge Transfer (QT) Sensor Module
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
   CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
   CHARGE-TRANSFER QLEVEL SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
   CHARGE-TRANSFER IC
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
   6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
QT100_0707 QUANTUM-QT100_0707 Datasheet
73Kb / 12P
   CHARGE-TRANSFER QTOUCH??IC
ATMEL Corporation
ATMEL Corporation
AT42QT5480 ATMEL-AT42QT5480 Datasheet
235Kb / 10P
   Patented charge-transfer (transverse mode)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz