Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB405-001 Datasheet(PDF) 2 Page - SICK AG

Part # CDB405-001
Description  CONNECTIVITY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CDB405-001 Datasheet(HTML) 2 Page - SICK AG

  CDB405-001 Datasheet HTML 1Page - SICK AG CDB405-001 Datasheet HTML 2Page - SICK AG CDB405-001 Datasheet HTML 3Page - SICK AG CDB405-001 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CDB405-001 | CDB
CONNECTIVITY
Ordering information
Type
Part no.
CDB405-001
1027093
Other models and accessories
www.sick.com/CDB
Detailed technical data
Features
Brief description
Small connection module for 5-V hand-held scanners and ICR80x
Supported products
Hand-held scanners, ICR80x
Cloning module support (CMC)
No
Supports display module (CMD)
No
Supports power supply module (CMP)
No
Supports fieldbus gateway (CMF)
No
Interfaces
Serial
✔, RS-232, RS-422, RS-485
Remark Depending on sensor connected
Switching inputs
Depending on sensor connected
Switching outputs
Depending on sensor connected
Optical indicators
6 LED
Configuration software
SOPAS ET
Mechanics/electronics
Operating voltage
18 V DC ... 30 V DC
Power consumption
4 W
Housing
Polycarbonat
Housing color
Blue (RAL 5012)
Enclosure rating
IP65
Protection class
III
Weight
250 g
Dimensions (L x W x H)
124.2 mm x 113.1 mm x 53.9 mm
Scanner connection
15-pin D-Sub HD female connector
Service plug
9-pin D-Sub plug (internal)
Ambient data
Ambient operating temperature
0 °C ... +40 °C
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - CDB405-001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CDB4.4101.151 SCHURTER-CDB4.4101.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
logo
SICK AG
CDB410-001 SICK-CDB410-001 Datasheet
476Kb / 4P
   CONNECTIVITY
logo
Cirrus Logic
CDB4207 CIRRUS-CDB4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CDB4215 CIRRUS-CDB4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
CDB4216 CIRRUS-CDB4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
More results

Similar Description - CDB405-001

ManufacturerPart #DatasheetDescription
logo
SICK AG
CDM490-0101 SICK-CDM490-0101 Datasheet
544Kb / 4P
   CONNECTIVITY
CDM420-0007 SICK-CDM420-0007 Datasheet
639Kb / 4P
   CONNECTIVITY
CDM420-0102 SICK-CDM420-0102 Datasheet
673Kb / 4P
   CONNECTIVITY
CDM420-0108 SICK-CDM420-0108 Datasheet
575Kb / 4P
   CONNECTIVITY
CDM410-0001 SICK-CDM410-0001 Datasheet
437Kb / 4P
   CONNECTIVITY
CDM420-0101 SICK-CDM420-0101 Datasheet
705Kb / 4P
   CONNECTIVITY
CDM420-0105 SICK-CDM420-0105 Datasheet
547Kb / 4P
   CONNECTIVITY
CDB620-201 SICK-CDB620-201 Datasheet
729Kb / 5P
   CONNECTIVITY
CDB650-204 SICK-CDB650-204 Datasheet
651Kb / 5P
   CONNECTIVITY
CDM425-10234094 SICK-CDM425-10234094 Datasheet
475Kb / 4P
   CONNECTIVITY
CDB620-101 SICK-CDB620-101 Datasheet
717Kb / 5P
   CONNECTIVITY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com