Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV691-1000 Datasheet(PDF) 5 Page - SICK AG

Part # CLV691-1000
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV691-1000 Datasheet(HTML) 5 Page - SICK AG

  CLV691-1000 Datasheet HTML 1Page - SICK AG CLV691-1000 Datasheet HTML 2Page - SICK AG CLV691-1000 Datasheet HTML 3Page - SICK AG CLV691-1000 Datasheet HTML 4Page - SICK AG CLV691-1000 Datasheet HTML 5Page - SICK AG CLV691-1000 Datasheet HTML 6Page - SICK AG CLV691-1000 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CLV691-1000 | CLV69x
BAR CODE SCANNERS
Reading field diagram
400
(15.75)
800
(31.5)
600
(23.62)
400
(15.75)
200
(7.87)
–200
(–7.87)
–400
(–15.75)
–600
(–23.62)
–800
(–31.5)
0
700
(27.56)
1,000
(39.37)
1,300
(51.18)
1,600
(62.99)
1,9000
(74.8)
2,200
(86.61)
Reading field height in mm (inch)
Resolution 0.5 mm (19.7 mil)
Tilt ± 45°
Tilt ± 30°
Tilt ± 15°(typical values)
Deflection width
-400
0
400
800
1200
1600
Radial reading distance (mm)
-400
0
400
800
1200
1600
2000
2400
Low Density: line scanner with oscillating mirror CLV691-1xxx
Deflection width (mm)
‒1
...
+
15
°
‒4
...
+
45
°
‒3
...
+
30
°
Resolution 0.5mm:
Tilt:
‒45° ... +45°
‒30° ... +30°
‒15° ... +15° (typical values)
Recommended accessories
Other models and accessories
www.sick.com/CLV69x
Brief description
Type
Part no.
Terminal and alignment brackets
Quick-action lock system, mounting hardware included
Quick release
2016110
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5


Similar Part No. - CLV691-1000

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV691-0000 SICK-CLV691-0000 Datasheet
1Mb / 7P
   BAR CODE SCANNERS
CLV691-0001 SICK-CLV691-0001 Datasheet
1Mb / 7P
   BAR CODE SCANNERS
More results

Similar Description - CLV691-1000

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com