Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFW42N60M2-EP Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFW42N60M2-EP
Description  N-channel 600 V, 0.076 ??typ., 34 A MDmesh??M2 EP Power MOSFETs in TO-220FP and TO-3PF packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW42N60M2-EP Datasheet(HTML) 5 Page - STMicroelectronics

  STFW42N60M2-EP Datasheet HTML 1Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 2Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 3Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 4Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 5Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 6Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 7Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 8Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID027376 Rev 1
5/16
STF42N60M2-EP, STFW42N60M2-EP
Electrical characteristics
16
Table 8. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD =300 V, ID =17 A,
RG =4.7 Ω, VGS =10V
(see Figure 17 and
Figure 22)
-
16.5
-
ns
tr
Rise time
-
9.5
-
ns
td(off)
Turn-off-delay time
-
96.5
-
ns
tf
Fall time
-
8
-
ns
Table 9. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
34
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
136
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 34 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 34 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 22)
-
438
ns
Qrr
Reverse recovery charge
-
9
µC
IRRM
Reverse recovery current
-
41.5
A
trr
Reverse recovery time
ISD = 34 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 22)
-
538
ns
Qrr
Reverse recovery charge
-
12
µC
IRRM
Reverse recovery current
-
44.5
A


Similar Part No. - STFW42N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW40N60M2 STMICROELECTRONICS-STFW40N60M2 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
STFW45N65M5 STMICROELECTRONICS-STFW45N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 35 A, 0.067 廓 typ., MDmesh??V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
May 2014 Rev 2
logo
Inchange Semiconductor ...
STFW45N65M5 ISC-STFW45N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STFW4N150 STMICROELECTRONICS-STFW4N150 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
STFW4N150 STMICROELECTRONICS-STFW4N150 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
More results

Similar Description - STFW42N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
   N-channel 600 V, 0.076 廓 typ., 34 A MDmesh??M2 EP Power MOSFETs in D짼PAK, TO-220 and TO-247 packages
January 2015 Rev 1
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
   N-channel 600 V, 0.14 廓 typ., 20 A MDmesh??M2 Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
   N-channel 600 V, 0.150 廓 typ., 20 A MDmesh??M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
April 2018 Rev 4
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
   N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
June 2018 Rev 4
STB33N65M2 STMICROELECTRONICS-STB33N65M2 Datasheet
800Kb / 23P
   N-channel 650 V, 0.117 ??typ., 24 A MDmesh??M2 Power MOSFETs in D짼PAK, TO-220FP, TO-220 and I짼PAK packages
December 2014 Rev 1
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
   N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
March 2017
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
   N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
DS9714 - Rev 4 - November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com