Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDM162-300S Datasheet(PDF) 2 Page - SICK AG

Part # IDM162-300S
Description  HAND-HELD SCANNERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IDM162-300S Datasheet(HTML) 2 Page - SICK AG

  IDM162-300S Datasheet HTML 1Page - SICK AG IDM162-300S Datasheet HTML 2Page - SICK AG IDM162-300S Datasheet HTML 3Page - SICK AG IDM162-300S Datasheet HTML 4Page - SICK AG IDM162-300S Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IDM162-300S | IDM16x
HAND-HELD SCANNERS
Ordering information
Type
Part no.
IDM162-300S
6054566
Other models and accessories
www.sick.com/IDM16x
Detailed technical data
Features
Version
Standard Range
Field of application
Industrial
Scanner design
1D code hand-held scanner
Light source
Visible red light (630 nm)
Scanning frequency
≤ 500 Hz
Code resolution
≥ 0.076 mm
Reading distance
20 mm ... 850 mm 1)
1) For details see reading field diagram.
Performance
Readable code structures
1D
Bar code types
Codabar, Code 39, Code 32, UPC-A, UPC-E, Standard and Industrial 2 of 5, Interleaved & Ma-
trix 2 of 5, Code 128, UCC/EAN-128, Code 11, Code 93, German ITF Postal Code, Mainland
China Postal Code, Telepen, MSI/Plessey, UK/Plessey, Limited/Expanded GS1 DataBar, Code
39 Trioptic, IATA, UPC / EAN / JAN (with addition)
Battery power
Over 20,000 scans with full battery
Interfaces
Wireless LAN
Remark IEEE 802.11 b/g
Optical indicators
2 LEDs (color-display)
Acoustic indicators
Beeper, can be switched off
Vibration
Yes
Configuration software
IDM Wireless LAN setup tool
Mechanics/electronics
Operating voltage
3.7 V DC 1)
Current consumption
Operation: typ. 495 mA
1) Rechargeable battery operation.
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - IDM162-300S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
More results

Similar Description - IDM162-300S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
   HAND-HELD SCANNERS
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
   HAND-HELD SCANNERS
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
   HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
   HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
logo
Fuji Electric
EDS8-47N FUJI-EDS8-47N Datasheet
455Kb / 4P
   HAND-HELD COMMUNICATOR < HHC >
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
   Hand Held Torque Wrenches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com