Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDM162-300S Datasheet(PDF) 4 Page - SICK AG

Part # IDM162-300S
Description  HAND-HELD SCANNERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IDM162-300S Datasheet(HTML) 4 Page - SICK AG

  IDM162-300S Datasheet HTML 1Page - SICK AG IDM162-300S Datasheet HTML 2Page - SICK AG IDM162-300S Datasheet HTML 3Page - SICK AG IDM162-300S Datasheet HTML 4Page - SICK AG IDM162-300S Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IDM162-300S | IDM16x
HAND-HELD SCANNERS
Recommended accessories
Other models and accessories
www.sick.com/IDM16x
Brief description
Type
Part no.
Other mounting accessories
Tripod mount
Stand mount
6045193
Desk holder
Table mount
6045192
Power supply units and power supply cables
Power supply, input AC 100 ... 240 V, output DC 5 V/2 A (necessary when using RS-232
TTL cable, does not fulfill medical standard EN 60601/ IEC 60601))
Power supply unit
6036722
Plug connectors and cables
Head A: male connector, USB-A
Head B: male connector, RJ45
Cable: USB, unshielded, 1.8 m
For keyboard wedge or USB Com Port Emulation
Connection cable
6036728
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - IDM162-300S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
More results

Similar Description - IDM162-300S

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
   HAND-HELD SCANNERS
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
   HAND-HELD SCANNERS
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
   HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
   HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
logo
Fuji Electric
EDS8-47N FUJI-EDS8-47N Datasheet
455Kb / 4P
   HAND-HELD COMMUNICATOR < HHC >
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
   Hand Held Torque Wrenches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com