Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294602 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ294602
Description  Single-Cell Protector for Li-Ion Batteries
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294602 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ294602_17 Datasheet HTML 3Page - Texas Instruments BQ294602_17 Datasheet HTML 4Page - Texas Instruments BQ294602_17 Datasheet HTML 5Page - Texas Instruments BQ294602_17 Datasheet HTML 6Page - Texas Instruments BQ294602_17 Datasheet HTML 7Page - Texas Instruments BQ294602_17 Datasheet HTML 8Page - Texas Instruments BQ294602_17 Datasheet HTML 9Page - Texas Instruments BQ294602_17 Datasheet HTML 10Page - Texas Instruments BQ294602_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VOV
V
OV
V
HYS
OUT (V)
t
DELAY
OUT
V1
VSS
VDD
R VD
CVD
RIN
CIN
VOV
OSC
Delay
Timer
PACK +
PACK –
INT_EN
REG
PWRPAD
7
bq294602, bq294604, bq294682, bq294624
www.ti.com
SLUSAS0D – DECEMBER 2011 – REVISED APRIL 2017
Product Folder Links: bq294602 bq294604 bq294682 bq294624
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The bq2946xx is a second-level overvoltage (OV) protector for a single cell. The cell voltage is compared to a
protection voltage threshold, VOV. The protection threshold is preprogrammed at the factory with a range from
3.85 V to 4.65 V. When the OVP is triggered, the OUT pin goes high to activate an external N-channel FET,
which conducts a low-impedance path to blow a fuse.
8.2 Functional Block Diagram
8.3 Feature Description
The method of overvoltage detection is comparing the cell voltage to an OVP threshold voltage VOV. Once the
cell voltage exceeds the programmed fixed value VOV, the delay timer circuit is activated. This delay (tDELAY) is
fixed for 4 seconds for the bq294602 device. When these conditions are satisfied, the OUT terminal is
transitioned to a high level. This output (OUT) is released to a low condition if the cell input (V1) is below the
OVP threshold minus the VHYS.
Figure 5. Timing for Overvoltage Sensing
8.3.1 Sense Positive Input for V1
This is an input to sense single battery cell voltage. A series resistor and a capacitor across the cell is required
for noise filtering and stable voltage monitoring.


Similar Part No. - BQ294602_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results

Similar Description - BQ294602_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com