Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCF2510 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCF2510
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2510 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCF2510 Datasheet HTML 2Page - Texas Instruments CDCF2510 Datasheet HTML 3Page - Texas Instruments CDCF2510 Datasheet HTML 4Page - Texas Instruments CDCF2510 Datasheet HTML 5Page - Texas Instruments CDCF2510 Datasheet HTML 6Page - Texas Instruments CDCF2510 Datasheet HTML 7Page - Texas Instruments CDCF2510 Datasheet HTML 8Page - Texas Instruments CDCF2510 Datasheet HTML 9Page - Texas Instruments CDCF2510 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CDCF2510
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS628D − APRIL 1999 − REVISED DECEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT FOR OUTPUTS
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tpd
50% VCC
3 V
0 V
VOH
VOL
Input
0.4 V
2 V
tr
tf
0.4 V
2 V
Output
500
W
50% VCC
25 pF
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 133 MHz, ZO = 50 Ω, tr ≤ 1.2 ns, tf ≤ 1.2 ns.
C. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
tsk(o)
tsk(o)
tphase error
CLKIN
FBIN
Any Y
Any Y
Any Y
FBOUT
Figure 2. Phase Error and Skew Calculations


Similar Part No. - CDCF2510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF2510 TI-CDCF2510 Datasheet
142Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2510 TI1-CDCF2510 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDCF2510PW TI-CDCF2510PW Datasheet
142Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2510PW TI1-CDCF2510PW Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDCF2510PWG4 TI1-CDCF2510PWG4 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
More results

Similar Description - CDCF2510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com