Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCF2510PWR Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCF2510PWR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2510PWR Datasheet(HTML) 5 Page - Texas Instruments

  CDCF2510PWR Datasheet HTML 1Page - Texas Instruments CDCF2510PWR Datasheet HTML 2Page - Texas Instruments CDCF2510PWR Datasheet HTML 3Page - Texas Instruments CDCF2510PWR Datasheet HTML 4Page - Texas Instruments CDCF2510PWR Datasheet HTML 5Page - Texas Instruments CDCF2510PWR Datasheet HTML 6Page - Texas Instruments CDCF2510PWR Datasheet HTML 7Page - Texas Instruments CDCF2510PWR Datasheet HTML 8Page - Texas Instruments CDCF2510PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CDCF2510
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS628D − APRIL 1999 − REVISED DECEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC, AVCC
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = −18 mA
3 V
−1.2
V
IOH = −100 µA
MIN to MAX
VCC−0.2
VOH
High-level output voltage
IOH = −12 mA
3 V
2.1
V
VOH
High-level output voltage
IOH = − 6 mA
3 V
2.4
V
IOL = 100 µA
MIN to MAX
0.2
VOL
Low-level output voltage
IOL = 12 mA
3 V
0.8
V
VOL
Low-level output voltage
IOL = 6 mA
3 V
0.55
V
VO = 1 V
3.135 V
−32
IOH
High-level output current
VO = 1.65 V
3.3 V
−36
IOH
High-level output current
VO = 3.135 V
3.465 V
−12
VO = 1.95 V
3.135 V
34
IOL
Low-level output current
VO = 1.65 V
3.3 V
40
IOL
Low-level output current
VO = 0.4 V
3.465 V
14
II
Input current
VI = VCC or GND
3.6 V
±5
µA
ICC§
Supply current
VI = VCC or GND,
Outputs: low or high
IO = 0,
3.6 V
10
µA
∆ICC
Change in supply current
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3.3 V to 3.6 V
500
µA
Ci
Input capacitance
VI = VCC or GND
3.3 V
4
pF
Co
Output capacitance
VO = VCC or GND
3.3 V
6
pF
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ For ICC of AVCC, and ICC vs Frequency (see Figures 8 and 9).
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 25 pF (see Note 6 and Figures 1 and 2)§
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC, AVCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
UNIT
Phase error time − static (normalized)
(See Figures 3 − 6)
CLKIN
↑ = 66 MHz to133 MHz
FBIN
−125
125
ps
tsk(o)
Output skew time¶
Any Y or FBOUT
Any Y or FBOUT
200
ps
Phase error time − jitter (see Note 7)
Clkin = 66 MHz to 100 MHz
Any Y or FBOUT
−50
50
ps
Jitter(cycle-cycle)
Clkin = 66 MHz to 100 MHz
Any Y or FBOUT
|70|
ps
Jitter(cycle-cycle)
(See Figure 7)
Clkin = 100 MHz to 133 MHz
Any Y or FBOUT
|65|
ps
Duty cycle
F(clkin > 60 MHz)
Any Y or FBOUT
45%
55%
tr
Rise time (See Notes 8 and 9)
VO = 1.2 V to 1.8 V,
IBIS simulation
Any Y or FBOUT
2.5
1
V/ns
tf
Fall time (See Notes 8 and 9)
VO = 1.2 V to 1.8 V,
IBIS simulation
Any Y or FBOUT
2.5
1
V/ns
§ These parameters are not production tested.
¶ The tsk(o) specification is only valid for equal loading of all outputs.
NOTES:
6. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
7. Calculated per PC DRAM SPEC (tphase error, static − jitter(cycle-to-cycle)).
8. This is equivalent to 0.8 ns/2.5 ns and 0.8 ns/2.7 ns into standard 500
Ω/ 30 pf load for output swing of 04. V to 2 V.
9. 64 MB DIMM configuration according to PC SDRAM Registered DIMM Design Support Document, Figure 20 and Table 13.
Intel is a trademark of Intel Corporation.
PC SDRAM Register DIMM Design Support Document is published by Intel Corporation.


Similar Part No. - CDCF2510PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF2510PWR TI-CDCF2510PWR Datasheet
142Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2510PWR TI1-CDCF2510PWR Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDCF2510PWRG4 TI1-CDCF2510PWRG4 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
More results

Similar Description - CDCF2510PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com