Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMG3410 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMG3410
Description  600-V 12-A Single Channel GaN Power Stage
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMG3410 Datasheet(HTML) 5 Page - Texas Instruments

  LMG3410 Datasheet HTML 1Page - Texas Instruments LMG3410 Datasheet HTML 2Page - Texas Instruments LMG3410 Datasheet HTML 3Page - Texas Instruments LMG3410 Datasheet HTML 4Page - Texas Instruments LMG3410 Datasheet HTML 5Page - Texas Instruments LMG3410 Datasheet HTML 6Page - Texas Instruments LMG3410 Datasheet HTML 7Page - Texas Instruments LMG3410 Datasheet HTML 8Page - Texas Instruments LMG3410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LMG3410
www.ti.com
SNOSD10B – APRIL 2016 – REVISED MARCH 2017
Product Folder Links: LMG3410
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
over operating free-air temperature range, 9.5 V < VDD < 18 V, LPM = 5 V, VNEG = -14 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GaN POWER TRANSISTOR
RDS,ON
Total On-state Resistance
TJ = 25°C
70
TJ = 150°C
135
VSD
Third-quadrant mode source-drain
voltage
IN = 0 V, ISD = 0.1 A
5
V
IN = 0 V, ISD = 10 A
7.8
IDSS
Drain Leakage Current
VDS = 600 V, TJ = 25°C
1
5
µA
VDS = 600 V, TJ = 150°C
10
Coss
GaN output capacitance
IN = 0 V, VDS = 400 V, fSW = 250 kHz
71
pF
Coss,er
Effective output capacitance, energy
related
IN = 0 V, VDS =0-400 V
95
pF
Coss,tr
Effective output capacitance, time
related
ID = 5 A, IN = 0 V, VDS = 0-400 V
145
pF
Qrr
Reverse recovery charge
VR = 400 V, ISD = 5 A, dISD/dt = 1 A/ns
0
nC
DRIVER SUPPLY
IVDD,LPM
Quiescent current, ultra-low-power
mode
VLPM = 0 V, VDD = 12 V, TJ = 25°C
80
125
µA
TJ = 150°C
125
IVDD,Q
Quiescent current (average)
Transistor held off
0.7
mA
Transistor held on
0.7
IVDD,op
Operating current
VDD = 12 V, fSW = 1 MHz, RDRV=40
kΩ, 50% duty cycle
43
mA
V+5V
5V LDO output voltage
VDD = 12 V
4.7
5.3
V
VNEG
Negative Supply
30-mA load current
–13.9
V
BUCK-BOOST CONVERTER
fSW,DCDC
DC-DC switching frequency
IOUT = 20 mA
1
MHz
IDCDC,PK
Peak inductor current
IOUT = 20 mA, VIN = 12 V, VOUT = -14
V
250
350
mA
ΔVNEG
DC-DC output ripple voltage, pk-pk
CNEG = 1 µF, IOUT = 20 mA
200
mV
ηDCDC
DC-DC converter efficiency
IOUT = 20 mA, VIN = 12 V, VNEG = -14
V
75%
DRIVER INPUT
VIH
Input pin, LPM pin, logic high
threshold
2.5
V
VIL
Input pin, LPM pin, low threshold
0.8
V
VHYST
Input pin, LPM pin, hysteresis
0.8
V
RIN,L
Input pull-down resistance
150
k
RLPM
LPM pin pull-down resistance
150
k
UNDERVOLTAGE LOCKOUT
VDD,UVLO
Under-voltage Lockout
Turn-on voltage
8.6
9.4
V
ΔVDD,UVLO
UVLO Hysteresis
500
mV
FAULT
Itrip
Current Fault Trip Point
24
36
50
A
Ttrip
Temperature Trip Point
Trip point
165
°C
TtripHys
Temperature Trip Hysteresis
20
°C


Similar Part No. - LMG3410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG3410 TI1-LMG3410 Datasheet
682Kb / 33P
[Old version datasheet]   600-V 12-A Single Channel GaN Power Stage
LMG3410R050 TI1-LMG3410R050 Datasheet
910Kb / 27P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN Power Stage With Overcurrent Protection
LMG3410R050 TI1-LMG3410R050 Datasheet
923Kb / 28P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN power stage with overcurrent protection
LMG3410R050RWHR TI1-LMG3410R050RWHR Datasheet
910Kb / 27P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN Power Stage With Overcurrent Protection
LMG3410R050RWHR TI1-LMG3410R050RWHR Datasheet
923Kb / 28P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN power stage with overcurrent protection
More results

Similar Description - LMG3410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG3410 TI1-LMG3410 Datasheet
682Kb / 33P
[Old version datasheet]   600-V 12-A Single Channel GaN Power Stage
logo
Rohm
BM3G007MUV-LB ROHM-BM3G007MUV-LB Datasheet
1Mb / 29P
   650 V GaN HEMT Power Stage
13.Jan.2023 Rev.001
BM3G015MUV-LB ROHM-BM3G015MUV-LB Datasheet
1Mb / 29P
   650 V GaN HEMT Power Stage
13.Jan.2023 Rev.001
logo
Texas Instruments
LMG3410R050 TI1-LMG3410R050 Datasheet
910Kb / 27P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN Power Stage With Overcurrent Protection
LMG3410R050 TI1-LMG3410R050_19 Datasheet
923Kb / 28P
[Old version datasheet]   600-V 50-m(ohm) Integrated GaN power stage with overcurrent protection
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
[Old version datasheet]   LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
[Old version datasheet]   GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
[Old version datasheet]   GaN Half-Bridge Power Stage
logo
Kersemi Electronic Co.,...
KSM12N60NZ KERSEMI-KSM12N60NZ Datasheet
2Mb / 7P
   N-Channel UniFET ll MOSFET 600 V, 12 A, 650m
logo
Renesas Technology Corp
RJH60M2DPE RENESAS-RJH60M2DPE Datasheet
59Kb / 4P
   600 V - 12 A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com