Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0702.301NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PG0702.301NL
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0702.301NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PG0702.301NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0702.301NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
pulseelectronics.com
SMT Power Inductors
Round Wire Coils - PG0702NL
P667.D (05/15)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2015. Pulse Electronics, Inc. All rights reserved.
Notes:
1. Actual temperature of the component (ambient plus temperature rise) must be within the
standard operating temperature range.
2. Inductance at Irated is a typical inductance value for the component taken at rated current.
3. The rated current listed is the lower of the saturation current (@ 25°C) or the heating current
depending on which value is lower.
4. The DCR of the part is measured at an ambient temperature of 20C 3C from point a and b as
shown above on the mechanical drawing.
5. The saturation current, ISAT, is the current at which the component inductance drops by 20%
(typical) at an ambient temperature of 25°C. This current is determined by placing the
component in the specified ambient environment and applying a short duration pulse
current (to eliminate self-heating effects) to the component.
6. The heating current, IDC, is the DC current required to raise the component temperature by
approximately 40°C. The heating current is determined by mounting the component on a
typical PCB and applying current for 30 minutes. The temperature is measured by placing
the thermocouple on top of the unit under test. Take note that the component’s performance
varies depending on the system
condition. It is suggested that the component be tested at the system level, to
verify the temperature rise of the component during system operation.
7. Core Loss approximation is based on published core data:
Core Loss = K1 * (f) * (K2
ΔI)
Where: Core Loss = in Watts
K1 = 2.20E-11
f = switching frequency in kHz
K1 & K2 = core loss factors
ΔI = delta I across the component in Ampere
K2*
ΔI = one half of the peak to peak flux density
across the component in Gauss
8. Unless otherwise specified, all testing is made at 100kHz, 0.1VAC.
9. Optional Tape & Reel packaging can be ordered by adding a “
T” suffix to the part
number (i.e. PG0702.401NL becomes PG0702.401NL
T). Pulse complies to industry
standard tape and reel specification EIA481. The tape and reel for this product has
a width (W=24.0mm), pitch (Po=16mm) and depth (Ko=8.9mm).
1.12
2.17
Typical Inductance vs Current Characteristics @ 25°C and 100°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.00
5.00
10.0015.00
20.0025.00
30.00
.682NL @ 100°C
.472NL @ 100°C
.302NL @ 100°C
.222NL @ 100°C
.102NL @ 100°C
.682NL @ 25°C
.472NL @ 25°C
.222NL @ 25°C
.302NL @ 25°C
.102NL @ 25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01020304050
DC BIAS (A)
.601NL @ 25°C
.451NL @ 25°C
.401NL @ 25°C
.301NL @ 25°C
.601NL @ 100°C
.451NL @ 100°C
.401NL @ 100°C
.301NL @ 100°C
DC BIAS (A)


Similar Part No. - PG0702.301NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0702.301NL PULSE-PG0702.301NL Datasheet
350Kb / 2P
   SMT Power Inductors
More results

Similar Description - PG0702.301NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com