Electronic Components Datasheet Search |
|
SR2010FR-7T10RL Datasheet(PDF) 5 Page - YAGEO Corporation |
|
SR2010FR-7T10RL Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 9 page Chip Resistor Surface Mount www.yageo.com Nov. 11, 2016 V.1 Product specification 5 9 SERIES SR 0402/0603/0805/1206/1210/1218/2010/2512 PACKING STYLE AND PACKAGING QUANTITY FOOTPRINT AND SOLDERING PROFILES Recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”. RESISTANCE RANGE TEMPERATURE COEFFICIENT OF RESISTANCE PT040 2 100 mΩ to 910 mΩ ± 200 ppm/°C PACKING STYLE REEL DIMENSION SR0402 SR0603/0805/1206 SR1210 SR1218/2010/2512 Paper taping reel (R) 7" (178 mm) 10,000 5,000 5,000 --- 13" (330 mm) 50,000 20,000 20,000 --- Embossed taping reel (K) 7" (178 mm) --- --- --- 4,000 NOTE 1. For paper/embossed tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”. Table 3 Packing style and packaging quantity SR1218 SR0603/0805/1206/ 1210/2010/2512 Side view for all type Fig. 5 Chip resistor dimensions For dimension, please refer to Table 1 SR0402 TYPE POWER RESISTANCE RANGE CHARACTERISTICS Operating Temperature Range Max. Working Voltage Max. Overload Voltage Dielectric Withstanding Voltage Temperature Coefficient of Resistance SR0402 1/16W E24/E96 0.5%, 1% 1 Ω ≤ R ≤ 100 KΩ –55 °C to +155 °C 50 V 100 V 100 V ± 200 ppm/°C 1/8W SR0603 1/10W 75V 150V 150V 1/5W 1/4W SR0805 1/8 W 150V 300V 300V 1/4W 1/3W SR1206 1/4 W 200 V 400 V 500 V 1/2W 3/4W SR1210 1/2W 200 V 400 V 500 V SR1218 1 W 200 V 400 V 500 V SR2010 3/4 W 200 V 400 V 500 V SR2512 1 W 200 V 400 V 500 V ELECTRICAL CHARACTERISTICS Table 2 |
Similar Part No. - SR2010FR-7T10RL |
|
Similar Description - SR2010FR-7T10RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |