Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM117HVQML Datasheet(PDF) 11 Page - Texas Instruments

Part # LM117HVQML
Description  3-Terminal Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117HVQML Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM117HVQML_17 Datasheet HTML 7Page - Texas Instruments LM117HVQML_17 Datasheet HTML 8Page - Texas Instruments LM117HVQML_17 Datasheet HTML 9Page - Texas Instruments LM117HVQML_17 Datasheet HTML 10Page - Texas Instruments LM117HVQML_17 Datasheet HTML 11Page - Texas Instruments LM117HVQML_17 Datasheet HTML 12Page - Texas Instruments LM117HVQML_17 Datasheet HTML 13Page - Texas Instruments LM117HVQML_17 Datasheet HTML 14Page - Texas Instruments LM117HVQML_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM117HVQML, LM117HVQML-SP
www.ti.com
SNVS357D – MARCH 2006 – REVISED APRIL 2013
APPLICATION HINTS
In operation, the LM117HV develops a nominal 1.25V reference voltage, VREF, between the output and
adjustment terminal. The reference voltage is impressed across program resistor R1 and, since the voltage is
constant, a constant current I1 then flows through the output set resistor R2, giving an output voltage of
(1)
Figure 20.
Since the 100
μA current from the adjustment terminal represents an error term, the LM117HV was designed to
minimize IADJ and make it very constant with line and load changes. To do this, all quiescent operating current is
returned to the output establishing a minimum load current requirement. If there is insufficient load on the output,
the output will rise.
EXTERNAL CAPACITORS
An input bypass capacitor is recommended. A 0.1
μF disc or 1 μF solid tantalum on the input is suitable input
bypassing for almost all applications. The device is more sensitive to the absence of input bypassing when
adjustment or output capacitors are used but the above values will eliminate the possibility of problems.
The adjustment terminal can be bypassed to ground on the LM117HV to improve ripple rejection. This bypass
capacitor prevents ripple from being amplified as the output voltage is increased. With a 10
μF bypass capacitor
80 dB ripple rejection is obtainable at any output level. Increases over 10
μF do not appreciably improve the
ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it is sometimes necessary to
include protection diodes to prevent the capacitor from discharging through internal low current paths and
damaging the device.
In general, the best type of capacitors to use are solid tantalum. Solid tantalum capacitors have low impedance
even at high frequencies. Depending upon capacitor construction, it takes about 25
μF in aluminum electrolytic to
equal 1
μF solid tantalum at high frequencies. Ceramic capacitors are also good at high frequencies; but some
types have a large decrease in capacitance at frequencies around 0.5 MHz. For this reason, 0.01
μF disc may
seem to work better than a 0.1
μF disc as a bypass.
Although the LM117HV is stable with no output capacitors, like any feedback circuit, certain values of external
capacitance can cause excessive ringing. This occurs with values between 500 pF and 5000 pF. A 1
μF solid
tantalum (or 25
μF aluminum electrolytic) on the output swamps this effect and insures stability. Any increase of
load capacitance larger than 10
μF will merely improve the loop stability and output impedance.
LOAD REGULATION
The LM117HV is capable of providing extremely good load regulation but a few precautions are needed to obtain
maximum performance. The current set resistor connected between the adjustment terminal and the output
terminal (usually 240
Ω) should be tied directly to the output of the regulator rather than near the load. This
eliminates line drops from appearing effectively in series with the reference and degrading regulation. For
example, a 15V regulator with 0.05
Ω resistance between the regulator and load will have a load regulation due to
line resistance of 0.05
Ω × IL. If the set resistor is connected near the load the effective line resistance will be
0.05
Ω (1 + R2/R1) or in this case, 11.5 times worse.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM117HVQML LM117HVQML-SP


Similar Part No. - LM117HVQML_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117HVQML TI1-LM117HVQML_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Similar Description - LM117HVQML_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com