Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702QML Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6702QML
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702QML Datasheet(HTML) 3 Page - Texas Instruments

  LMH6702QML Datasheet HTML 1Page - Texas Instruments LMH6702QML Datasheet HTML 2Page - Texas Instruments LMH6702QML Datasheet HTML 3Page - Texas Instruments LMH6702QML Datasheet HTML 4Page - Texas Instruments LMH6702QML Datasheet HTML 5Page - Texas Instruments LMH6702QML Datasheet HTML 6Page - Texas Instruments LMH6702QML Datasheet HTML 7Page - Texas Instruments LMH6702QML Datasheet HTML 8Page - Texas Instruments LMH6702QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LMH6702QML
www.ti.com
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
LMH6702 Electrical Characteristics DC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
RL = 100Ω, VCC = ±5VDC, AV = +2 feedback resistor (RF) = 250Ω, gain resistor (RG) = 250Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IBN
Input Bias Current, Noninverting
-15
+15
μA
1, 2
-21
+21
μA
3
IBI
Input Bias Current, Iverting
-30
+30
μA
1, 2
-34
+34
μA
3
VIO
Input Offset Voltage
-4.5
+4.5
mV
1, 3
-6.0
+6.0
mV
2
ICC
Supply Current, no load
RL = ∞
15
mA
1, 2, 3
PSSR
Power Supply Rejection Ratio
-VCC = -4.5V to -5.0V,
45
dB
1, 2, 3
+VCC = +4.5V to +5.0V
(1)
The algebraic convention, whereby the most negative value is a minimum and most positive is a maximum, is used in this table.
Negative cur rent shall be defined as convential current flow out of a device terminal.
(2)
Pre and Post irradiation limits are identical to those listed under the DC parameter tables above. Post irradiation testing is conducted at
room temperature, +25°C, only. Testing is performed as specified in MIL-STD-883 Test Method 1019 Condition A. The ELDRS-Free part
is also tested per Test Method 1019 Conditions D.
LMH6702 Electrical Characteristics AC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
RL = 100Ω, VCC = ±5VDC, AV = +2 feedback resistor (RF) = 250Ω, gain resistor (RG) = 250Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
HD3
3rd Harmonic Distortion
2VPP at 20MHz
-62
dBc
4
GFPL
Gain Flatness Peaking
0.1MHz to 75MHz, VO < 0.5VPP
0.4
dB
4
GFPH
Gain Flatness Peaking
> 75MHz, VO < 0.5VPP
2.0
dB
4
GFRH
Gain Flatness Rolloff
75MHz to 125MHz, VO<0.5VPP
0.2
dB
4
HD2
2nd Harmonic Distortion
2VPP at 20MHz
-52
dBc
4
(1)
The algebraic convention, whereby the most negative value is a minimum and most positive is a maximum, is used in this table.
Negative cur rent shall be defined as convential current flow out of a device terminal.
(2)
These parameters are not post irradiation tested.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6702QML


Similar Part No. - LMH6702QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI-LMH6702QML Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML-SP TI1-LMH6702QML-SP Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - LMH6702QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com