Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM117HVKGMD8 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM117HVKGMD8
Description  3-Terminal Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117HVKGMD8 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM117HVKGMD8 Datasheet HTML 3Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 4Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 5Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 6Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 7Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 8Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 9Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 10Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM117HVQML, LM117HVQML-SP
www.ti.com
SNVS357D – MARCH 2006 – REVISED APRIL 2013
LM117HVK Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. VDiff =(VI − VO), IL = 10mA, VOUT = 1.25V (Nominal)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IAdj
Adjustment Pin Current
VDiff = 3V
100
µA
1
VDiff = 3.3V
100
µA
2, 3
VDiff = 40V
100
µA
1, 2, 3
IQ
Minimum Load Current
VDiff = 3V, VO = 1.7V
5.0
mA
1
VDiff = 3.3V, VO = 1.7V
5.0
mA
2, 3
VI = 40V, VO = 1.7V
5.0
mA
1, 2, 3
VI = 60V, VO = 1.7V
0.25
8.2
mA
1
VRef
Reference Voltage
VDiff = 3V
1.2
1.3
V
1
VDiff = 3.3V
1.2
1.3
V
2, 3
VDiff = 40V
1.2
1.3
V
1, 2, 3
VRLine
Line Regulation
3V
≤ VDiff ≤ 40V,
-8.64
8.64
mV
1
VO = VRef
3.3V
≤ VDiff ≤ 40V,
-18
18
mV
2, 3
VO = VRef
40V
≤ VDiff ≤ 60V,
-25
25
mV
1
IL = 60mA
VRLoad
Load Regulation
VDiff = 3V,
-15
15
mV
1
IL = 10mA to 1.5A
VDiff = 3.3V,
-15
15
mV
2, 3
IL = 10mA to 1.5A
VDiff = 40V,
-15
15
mV
1
IL = 10mA to 300mA
VDiff = 40V,
-15
15
mV
2, 3
IL = 10mA to 195mA
Delta IAdj /
Adjustment Pin Current Change
VDiff = 3V,
-5.0
5.0
µA
1
Load
IL = 10mA to 1.5A
VDiff = 3.3V,
-5.0
5.0
µA
2, 3
IL = 10mA to 1.5A
VDiff = 40V,
-5.0
5.0
µA
1
IL = 10mA to 300mA
VDiff = 40V,
-5.0
5.0
µA
2, 3
IL = 10mA to 195mA
Delta IAdj /
Adjustment Pin Current Change
3V
≤ VDiff ≤ 40V
-5.0
5.0
µA
1
Line
3.3V
≤ VDiff ≤ 40V
-5.0
5.0
µA
2, 3
IOS
Short Circuit Current
VDiff = 60V
0.0
0.4
A
1
VDiff = 3V
1.5
3.5
A
1
θR
Thermal Regulation
VDiff = 40V, IL = 300mA,
10.5
mV
1
t = 20mS
LM117HVK Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified. VDiff = (VI − VO), IL = 10mA.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
RR
Ripple Rejection
VI = +6.25V, ƒ = 120Hz,
See(1)
66
dB
4, 5, 6
eI = 1VRMS, IL = 0.5A,
VO = VRef
(1)
Tested @ 25°C; specified, but not tested @ 125°C &
−55°C
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM117HVQML LM117HVQML-SP


Similar Part No. - LM117HVKGMD8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117HVKGMD8 TI1-LM117HVKGMD8 Datasheet
1Mb / 30P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Similar Description - LM117HVKGMD8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com