Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT3001IDNPRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPT3001IDNPRQ1
Description  Ambient Light Sensor (ALS)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3001IDNPRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPT3001IDNPRQ1 Datasheet HTML 5Page - Texas Instruments OPT3001IDNPRQ1 Datasheet HTML 6Page - Texas Instruments OPT3001IDNPRQ1 Datasheet HTML 7Page - Texas Instruments OPT3001IDNPRQ1 Datasheet HTML 8Page - Texas Instruments OPT3001IDNPRQ1 Datasheet HTML 9Page - Texas Instruments OPT3001IDNPRQ1 Datasheet HTML 10Page - Texas Instruments OPT3001IDNPRQ1 Datasheet HTML 11Page - Texas Instruments OPT3001IDNPRQ1 Datasheet HTML 12Page - Texas Instruments OPT3001IDNPRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Continuous I2C Frequency (KHz)
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
D015
Vdd = 3.3V
Vdd = 1.6V
Temperature (qC)
-40
-20
0
20
40
60
80
100
1
1.5
2
2.5
3
3.5
D013
Vdd = 3.3V
Vdd = 1.6V
Temperature (qC)
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D014
Vdd = 3.3V
Vdd = 1.6V
Input Illuminance (Lux)
100
1000
10000
100000
1
1.5
2
2.5
3
3.5
4
D011
Input Illuminance (Lux)
0
20000
40000
60000
80000
0.2
0.25
0.3
0.35
0.4
0.45
0.5
D011
D012
9
OPT3001-Q1
www.ti.com
SBOS853 – MARCH 2017
Product Folder Links: OPT3001-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 3.3 V, 800-ms conversion time (CT = 1), automatic full-scale range (RN[3:0] = 1100b), white LED, and
normal-angle incidence of light, unless otherwise specified.
M[1:0] = 10b
Figure 14. Supply Current vs Input Illuminance
M[1:0] = 00b
Figure 15. Shutdown Current vs Input Illuminance
M[1:0] = 10b
Figure 16. Supply Current vs Temperature
M[1:0] = 00b, input illuminance = 0 lux
Figure 17. Shutdown Current vs Temperature
Input illuminance = 80 lux, SCL = SDA,
continuously toggled at I2C frequency
Note: A typical application runs at a lower duty cycle and thus consumes a lower current.
Figure 18. Supply Current vs Continuous I2C Frequency


Similar Part No. - OPT3001IDNPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001IDNPRQ1 TI1-OPT3001IDNPRQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Similar Description - OPT3001IDNPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001 TI-OPT3001_15 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
[Old version datasheet]   Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
OPT3005 TI-OPT3005 Datasheet
1Mb / 40P
[Old version datasheet]   OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras
DECEMBER 2022
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
[Old version datasheet]   OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com