Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3102V Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3102V
Description  GREEN MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102V Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3102V Datasheet HTML 6Page - Diodes Incorporated AP3102V Datasheet HTML 7Page - Diodes Incorporated AP3102V Datasheet HTML 8Page - Diodes Incorporated AP3102V Datasheet HTML 9Page - Diodes Incorporated AP3102V Datasheet HTML 10Page - Diodes Incorporated AP3102V Datasheet HTML 11Page - Diodes Incorporated AP3102V Datasheet HTML 12Page - Diodes Incorporated AP3102V Datasheet HTML 13Page - Diodes Incorporated AP3102V Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
10 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Operation Description (Cont.)
The VADJ threshold is adjustable by changing the external resistor connected from pin ADJ to the ground. Adjusting the VADJ voltage can optimize
the standby power and audible noise for most applications.
Another function of ADJ pin is to use it as the latch trigger input. When the voltage at this pin is more than 4.5V, the system will be latched by
limiting the VCC to a lower voltage. If the IC is started from bulk capacitor through resistor, the system will be latched until the bulk voltage
decreases to a very low value just like unplugged the AC input. Then, the IC latch current can't be maintained and latch will be released (see
description below). This function can be used as system OTP and other protection.
System Protection and Pin Fault Protection
AP3102/V/L provides versatile system and pin fault protections. The OCP comparator realizes the cycle-by-cycle current limiting (OCP).
Cooperating with BOK compensation from the input line voltage, the IC realizes the constant over load protection (OLP). VCC over voltage
protection can be applied as the primary OVP or opto-coupler broken protection. The AP3102/V/L also has pin fault connection protection
including floating and short connection. The floating pin protection includes the RI, SENSE, FB, etc; the short pin protection includes the RI pin
short protection. When these pins are floated or RI pin is shorted to ground, PWM switching will be disabled, thus protect the power system. Below
figures show the relative timing sequences of system protections.
VBOK
Gate drive
UVLO
4V
VCC
0.5V
35mS
VFB
35mS
4.2V
Line OVP & Brown-Out
Output Short
Vo
VCC OVP (AP3102)
25
S
28V
VADJ
Gate
drive
Latch until unplug AC
UVLO
VCC
>25
S
4V
De-latch Point
Auto Recoverable Protection Mode
Latch Protection Mode
VADJ
VFB
35mS
4.2V
Vo
Latch through ADJ Pin
Output Short (AP3102L)
VCC OVP
(AP3102V, AP3102L)
25
S
28V
UVLO
25
S
Typical Timing Sequences of AP3102/V/L Protections


Similar Part No. - AP3102V

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102VM-G1 BCDSEMI-AP3102VM-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
AP3102VMTR-G1 BCDSEMI-AP3102VMTR-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
AP3102VP-G1 BCDSEMI-AP3102VP-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3102V

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com