Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3102L Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3102L
Description  GREEN MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102L Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3102L Datasheet HTML 1Page - Diodes Incorporated AP3102L Datasheet HTML 2Page - Diodes Incorporated AP3102L Datasheet HTML 3Page - Diodes Incorporated AP3102L Datasheet HTML 4Page - Diodes Incorporated AP3102L Datasheet HTML 5Page - Diodes Incorporated AP3102L Datasheet HTML 6Page - Diodes Incorporated AP3102L Datasheet HTML 7Page - Diodes Incorporated AP3102L Datasheet HTML 8Page - Diodes Incorporated AP3102L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
5 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Electrical Characteristics (V
CC =16V, TA=+25°
C, unless otherwise specified.) (Cont.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Current Sense Section (SENSE Pin)
VCS
Maximum SENSE Voltage
VBOK=0.95V
0.75
0.8
0.85
V
VBOK=2.76V
0.63
0.68
0.73
LEB Time of SENSE
RRI=26k
150
250
350
ns
Delay to Output
50
150
250
ns
Soft-start Time
RRI=26k
2
ms
Feedback Input Section (FB Pin)
The Ratio of Input Voltage to
Current Sense Voltage
2.5
3
3.5
V/V
Input Impedance
3
4.5
6
k
Source Current
-2
mA
Input Voltage for Zero Duty
VADJ=0V
1.2
V
Output Section (GATE Pin)
Output Low Level
IO=50mA, VCC=12V
1
V
Output High Level
IO=50mA, VCC=12V
8.5
V
Output Clamping
13
15
17
V
Rising Time
CL=1nF, VCC=13V
150
250
350
ns
Falling Time
CL=1nF, VCC=13V
30
50
90
ns
Brownout Protection (BOK Pin)
Brownout Turn-on
0.85
0.9
0.95
V
Brownout Turn-off
0.45
0.5
0.55
Clamp Voltage on BOK
IBOK=1mA
5.5
6.2
6.9
V
Line Compensation Ratio
0.055
Line OVP Voltage
3.5
4
4.5
V
Skip Cycle Section (ADJ Pin)
Source Current
10
25
45
A
Latch Trigger Voltage
4.2
4.5
4.8
V
Clamp Voltage on ADJ
4
5
6
V
Input Impedance
35
50
65
k
Over-Temperature Protection Section
Shutdown Temperature
+155
oC
Temperature Hysteresis
+25
oC
Delay Time Section
Delay 1 of Protection
RRI=26k, Output short and OLP
BOK pin trigger for turning off
25
35
45
ms
Delay 2 of Protection
RRI=26k,
ADJ, VCC OVP, Line OVP
BOK pin trigger for turning on
25
s


Similar Part No. - AP3102L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102LM-G1 BCDSEMI-AP3102LM-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
AP3102LMTR-G1 BCDSEMI-AP3102LMTR-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
AP3102LP-G1 BCDSEMI-AP3102LP-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3102L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com