Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4461-Bxx-FM Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si4461-Bxx-FM
Description  HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4461-Bxx-FM Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si4461-Bxx-FM Datasheet HTML 3Page - Silicon Laboratories Si4461-Bxx-FM Datasheet HTML 4Page - Silicon Laboratories Si4461-Bxx-FM Datasheet HTML 5Page - Silicon Laboratories Si4461-Bxx-FM Datasheet HTML 6Page - Silicon Laboratories Si4461-Bxx-FM Datasheet HTML 7Page - Silicon Laboratories Si4461-Bxx-FM Datasheet HTML 8Page - Silicon Laboratories Si4461-Bxx-FM Datasheet HTML 9Page - Silicon Laboratories Si4461-Bxx-FM Datasheet HTML 10Page - Silicon Laboratories Si4461-Bxx-FM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Si4464/63/61/60
Rev 1.2
7
RX Sensitivity
PRX_0.5
(BER < 0.1%)
(500 bps, GFSK, BT = 0.5,
f= 250Hz)3
—–126—
dBm
PRX_40
(BER < 0.1%)
(40 kbps, GFSK, BT = 0.5,
f= 20 kHz)3
—–110—
dBm
PRX_100
(BER < 0.1%)
(100 kbps, GFSK, BT = 0.5,
f= 50 kHz)1
—–106—
dBm
PRX_125
(BER < 0.1%)
(125 kbps, GFSK, BT = 0.5,
f= 62.5 kHz)3
—–105—
dBm
PRX_500
(BER < 0.1%)
(500 kbps, GFSK, BT = 0.5,
f= 250 kHz)3
–97
dBm
PRX_9.6
(PER 1%)
(9.6 kbps, 4GFSK, BT = 0.5,
f=  kHz)3,4
—–110—
dBm
PRX_1M
(PER 1%)
(1 Mbps, 4GFSK, BT = 0.5,
inner deviation = 83.3 kHz)3,4
–88
dBm
PRX_OOK
(BER < 0.1%, 4.8 kbps, 350 kHz BW,
OOK, PN15 data)3
—–110—
dBm
(BER < 0.1%, 40 kbps, 350 kHz BW,
OOK, PN15 data)3
—–104—
dBm
(BER < 0.1%, 120 kbps, 350 kHz BW,
OOK, PN15 data)3
–99
dBm
RX Channel Bandwidth5
BW
1.1
850
kHz
BER Variation vs Power
Level3
PRX_RES
Up to +5 dBm Input Level
0
0.1
ppm
RSSI Resolution
RESRSSI
—±0.5—
dB
Table 3. Receiver AC Electrical Characteristics1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section in "1.1. Definition of Test Conditions" on page 14.
2.
For applications that use the major bands covered by Si4463/61/60, customers should use those parts instead of
Si4464.
3.
Guaranteed by qualification. BER is specified for the 450–470 MHz band. Qualification test conditions are listed in the
"Qualification Test Conditions" section in "1.1. Definition of Test Conditions" on page 14.
4.
For PER tests, 48 preamble symbols, 4 byte sync word, 10 byte payload and CRC-32 was used. PER and BER tested
in the 450–470 MHz band.
5.
Guaranteed by bench characterization.


Similar Part No. - Si4461-Bxx-FM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4461-B1B-FM SILABS-Si4461-B1B-FM Datasheet
243Kb / 3P
   Version 1.2 of the Si4464-63-61-60 datasheet is now available
More results

Similar Description - Si4461-Bxx-FM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4467-A2A-IM SILABS-SI4467-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4463-C2A-GM SILABS-SI4463-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4460-C2A-GM SILABS-SI4460-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com