Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB85NS04Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB85NS04Z
Description  Low capacitance and gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NS04Z Datasheet(HTML) 5 Page - STMicroelectronics

  STB85NS04Z Datasheet HTML 1Page - STMicroelectronics STB85NS04Z Datasheet HTML 2Page - STMicroelectronics STB85NS04Z Datasheet HTML 3Page - STMicroelectronics STB85NS04Z Datasheet HTML 4Page - STMicroelectronics STB85NS04Z Datasheet HTML 5Page - STMicroelectronics STB85NS04Z Datasheet HTML 6Page - STMicroelectronics STB85NS04Z Datasheet HTML 7Page - STMicroelectronics STB85NS04Z Datasheet HTML 8Page - STMicroelectronics STB85NS04Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STB85NS04Z - STB85NS04Z-1
Electrical characteristics
5/15
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1mA, VGS= 0
33
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 16V,
VDS = 16V, Tc=125°C
10
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±10V
10
µA
VGSS
Gate-source breakdown
voltage
IGS = 100µA
18
25
V
RG
Series gate resistance
14
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 1mA
23
4
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 30A
11
15
m
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
Forward transconductance
VDS = 25V, ID= 30A
50
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f=1MHz, VGS=0
2500
800
150
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=16V, ID = 60A
VGS =10V
(see Figure 14)
68
15
19
100
nC
nC
nC
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STB85NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
   N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
January 2009
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET?줚I POWER MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB85NF3LL-1 STMICROELECTRONICS-STB85NF3LL-1 Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STB85NF3LLT4 STMICROELECTRONICS-STB85NF3LLT4 Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
More results

Similar Description - STB85NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com