Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-MS00x-102R Datasheet(PDF) 9 Page - Silicon Laboratories

Part # ADS-MS00x-102R
Description  Embedded Bluetooth Low Energy Solutions
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

ADS-MS00x-102R Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button ADS-MS00x-102R Datasheet HTML 5Page - Silicon Laboratories ADS-MS00x-102R Datasheet HTML 6Page - Silicon Laboratories ADS-MS00x-102R Datasheet HTML 7Page - Silicon Laboratories ADS-MS00x-102R Datasheet HTML 8Page - Silicon Laboratories ADS-MS00x-102R Datasheet HTML 9Page - Silicon Laboratories ADS-MS00x-102R Datasheet HTML 10Page - Silicon Laboratories ADS-MS00x-102R Datasheet HTML 11Page - Silicon Laboratories ADS-MS00x-102R Datasheet HTML 12Page - Silicon Laboratories ADS-MS00x-102R Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Electrical Specifications, Section 3
ADS-MS00x-107R • Preliminary Data Sheet
Page | 5
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
3.4 Input/Output Pins
All digital I/O pins have a maximum input voltage rating of VSS-0.3V to VDD+0.3V.
The maximum supply voltage is 3.63V.
Consequently, digital I/O pins are NOT +5V tolerant.
Table 6. Digital I/O Pin Levels
Symbol
Description
Min.
Typical
Max.
Unit
VIL
Input low voltage
0.4
V
VIH
Input high voltage
0.75 x VDD
V
VOL
Output low voltage1
0.4
V
VOH
Output high voltage1
VDD – 0.4
V
Notes:
1. At the specified drive current for the pin.
3.5 ADC Specifications
Table 7. ADC Specifications (@ 25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Channels
8
Channel Switching Rate
fch
133.33
kch/s
Input signal range
Vinp
0
3.63
V
Reference settling time
7.5
µS
Input resistance
Rin
Effective, single ended
500
Input capacitance
Cin
5
pF
Conversion rate
Rc
5.859
187
kHz
Conversion time
Tc
5.35
170.7
µS
Effective Number of Bits
ENOB
10
13
bits
Abs. Voltage Meas. Error
±2
%
Current
I
1
mA
Leakage Current
Ileakage
100
nA
Power-up time
Tpup
200
µS
Integral nonlinearity
INL
LSBs at the 10-bit level
-1
1
LSB
Differential nonlinearity
DNL
LSBs at the 10-bit level
-1
1
LSB


Similar Part No. - ADS-MS00x-102R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
ADS-MW006-100R SILABS-ADS-MW006-100R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
ADS-MW006-101R SILABS-ADS-MW006-101R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
ADS-MW006-102R SILABS-ADS-MW006-102R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
ADS-MW006-103R SILABS-ADS-MW006-103R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
ADS-MW006-104R SILABS-ADS-MW006-104R Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
More results

Similar Description - ADS-MS00x-102R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AMS002-E03 SILABS-AMS002-E03 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
logo
List of Unclassifed Man...
AMS001 ETC2-AMS001 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
   Bluetooth Low Energy
logo
Shenzhen Lanke Xuntong ...
PTR5518 XUNTONG-PTR5518 Datasheet
339Kb / 6P
   Coin-size Bluetooth Low Energy System on Module Embedded Cortex
logo
STMicroelectronics
STLBC01 STMICROELECTRONICS-STLBC01 Datasheet
1Mb / 40P
   Bluetooth low energy controller
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
   Bluetooth Low Energy modul
logo
Asahi Kasei Microsystem...
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
   Bluetooth Low Energy transmitter
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com