Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32BG12P432F1024GL125-B Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFR32BG12P432F1024GL125-B
Description  EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG12P432F1024GL125-B Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFR32BG12P432F1024GL125-B Datasheet HTML 3Page - Silicon Laboratories EFR32BG12P432F1024GL125-B Datasheet HTML 4Page - Silicon Laboratories EFR32BG12P432F1024GL125-B Datasheet HTML 5Page - Silicon Laboratories EFR32BG12P432F1024GL125-B Datasheet HTML 6Page - Silicon Laboratories EFR32BG12P432F1024GL125-B Datasheet HTML 7Page - Silicon Laboratories EFR32BG12P432F1024GL125-B Datasheet HTML 8Page - Silicon Laboratories EFR32BG12P432F1024GL125-B Datasheet HTML 9Page - Silicon Laboratories EFR32BG12P432F1024GL125-B Datasheet HTML 10Page - Silicon Laboratories EFR32BG12P432F1024GL125-B Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 181 page
background image
2. Ordering Information
Table 2.1. Ordering Information
Ordering Code
Protocol Stack
Frequency Band
@ Max TX Power
Flash
(kB)
RAM
(kB)
GPIO
Package
EFR32BG12P433F1024GL125-B
• Bluetooth Low
Energy
• Proprietary
• 2.4 GHz @ 19 dBm
• Sub-GHz @ 20 dBm
1024
256
65
BGA125
EFR32BG12P433F1024GM48-B
• Bluetooth Low
Energy
• Proprietary
• 2.4 GHz @ 19 dBm
• Sub-GHz @ 20 dBm
1024
256
28
QFN48
EFR32BG12P432F1024GL125-B
• Bluetooth Low
Energy
• Proprietary
2.4 GHz @ 19 dBm
1024
256
65
BGA125
EFR32BG12P432F1024GM48-B
• Bluetooth Low
Energy
• Proprietary
2.4 GHz @ 19 dBm
1024
256
31
QFN48
EFR32BG12P332F1024GL125-B
• Bluetooth Low
Energy
• Proprietary
2.4 GHz @ 10 dBm
1024
256
65
BGA125
EFR32BG12P332F1024GM48-B
• Bluetooth Low
Energy
• Proprietary
2.4 GHz @ 10 dBm
1024
256
31
QFN48
EFR32BG12P232F1024GL125-B
• Bluetooth Low
Energy
• Proprietary
2.4 GHz @ 10 dBm
1024
128
65
BGA125
EFR32BG12P232F1024GM48-B
• Bluetooth Low
Energy
• Proprietary
2.4 GHz @ 10 dBm
1024
128
31
QFN48
EFR32BG12P132F1024GL125-B
• Bluetooth Low
Energy
• Proprietary
2.4 GHz @ 0 dBm
1024
128
65
BGA125
EFR32BG12P132F1024GM48-B
• Bluetooth Low
Energy
• Proprietary
2.4 GHz @ 0 dBm
1024
128
31
QFN48
EFR32BG12 Blue Gecko Bluetooth ®Low Energy SoC Family Data Sheet
Ordering Information
silabs.com | Building a more connected world.
Rev. 1.0 | 2


Similar Part No. - EFR32BG12P432F1024GL125-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
8Mb / 960P
   EFR32xG1 Wireless Gecko Reference Manual
EFR32BG1 SILABS-EFR32BG1 Datasheet
656Kb / 17P
   EFR32BG 2.4 GHz 10.5 dBm Radio Board BRD4100A Reference Manual
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32BG13 SILABS-EFR32BG13 Datasheet
1Mb / 34P
   EFR32 Blue Gecko Bluetooth Starter Kit
Rev. 1.01
More results

Similar Description - EFR32BG12P432F1024GL125-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
   EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com