Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32FG1P132F256GM32-B0 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # EFR32FG1P132F256GM32-B0
Description  EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32FG1P132F256GM32-B0 Datasheet(HTML) 2 Page - Silicon Laboratories

  EFR32FG1P132F256GM32-B0 Datasheet HTML 1Page - Silicon Laboratories EFR32FG1P132F256GM32-B0 Datasheet HTML 2Page - Silicon Laboratories EFR32FG1P132F256GM32-B0 Datasheet HTML 3Page - Silicon Laboratories EFR32FG1P132F256GM32-B0 Datasheet HTML 4Page - Silicon Laboratories EFR32FG1P132F256GM32-B0 Datasheet HTML 5Page - Silicon Laboratories EFR32FG1P132F256GM32-B0 Datasheet HTML 6Page - Silicon Laboratories EFR32FG1P132F256GM32-B0 Datasheet HTML 7Page - Silicon Laboratories EFR32FG1P132F256GM32-B0 Datasheet HTML 8Page - Silicon Laboratories EFR32FG1P132F256GM32-B0 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
1. Feature List
The EFR32FG1 highlighted features are listed below.
• Low Power Wireless System-on-Chip.
• High Performance 32-bit 40 MHz ARM Cortex®-M4 with
DSP instruction and floating-point unit for efficient signal
processing
• Up to 256 kB flash program memory
• Up to 32 kB RAM data memory
• 2.4 GHz radio operation
• TX power up to 19.5 dBm
• Low Energy Consumption
• 8.7 mA RX current at 2.4 GHz
• 8.8 mA TX current @ 0 dBm output power at 2.4 GHz
• 63 μA/MHz in Active Mode (EM0)
• 1.4 μA EM2 DeepSleep current (full RAM retention and
RTCC running from LFXO)
• 1.1 μA EM3 Stop current (State/RAM retention)
• Wake on Radio with signal strength detection, preamble
pattern detection, frame detection and timeout
• High Receiver Performance
• -94 dBm sensitivity @ 1 Mbit/s GFSK (2.4GHz)
• Supported Modulation Formats
• 2-FSK / 4-FSK with fully configurable shaping
• Shaped OQPSK / (G)MSK
• Configurable DSSS and FEC
• Supported Protocols:
• 2.4 GHz Proprietary Protocols
• Support for Internet Security
• General Purpose CRC
• Random Number Generator
• Hardware Cryptographic Acceleration for AES 128/256,
SHA-1, SHA-2 (SHA-224 and SHA-256) and ECC
• Wide selection of MCU peripherals
• 12-bit 1 Msps SAR Analog to Digital Converter (ADC)
• 2× Analog Comparator (ACMP)
• Digital to Analog Current Converter (IDAC)
• Up to 31 pins connected to analog channels (APORT)
shared between Analog Comparators, ADC, and IDAC
• Up to 31 General Purpose I/O pins with output state reten-
tion and asynchronous interrupts
• 8 Channel DMA Controller
• 12 Channel Peripheral Reflex System (PRS)
• 2×16-bit Timer/Counter
• 3 + 4 Compare/Capture/PWM channels
• 32-bit Real Time Counter and Calendar
• 16-bit Low Energy Timer for waveform generation
• 32-bit Ultra Low Energy Timer/Counter for periodic wake-up
from any Energy Mode
• 16-bit Pulse Counter with asynchronous operation
• Watchdog Timer with dedicated RC oscillator @ 50nA
• 2×Universal Synchronous/Asynchronous Receiver/Trans-
mitter (UART/SPI/SmartCard (ISO 7816)/IrDA/I2S)
• Low Energy UART (LEUART)
• I2C interface with SMBus support and address recognition
in EM3 Stop
• Wide Operating Range
• 1.85 V to 3.8 V single power supply
• Integrated DC-DC, down to 1.8 V output with up to 200 mA
load current for system
• -40 °C to 85 °C
• QFN32 5x5 mm Package
• QFN48 7x7 mm Package
EFR32FG1 Flex Gecko Proprietary Protocol SoCFamily Data Sheet
Feature List
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.9 | 1


Similar Part No. - EFR32FG1P132F256GM32-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG1P132F256GM32-C0 SILABS-EFR32FG1P132F256GM32-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32FG1P132F256GM32-C0 SILABS-EFR32FG1P132F256GM32-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32FG1P132F256GM32-C0R SILABS-EFR32FG1P132F256GM32-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32FG1P132F256GM32-C0R SILABS-EFR32FG1P132F256GM32-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32FG1P132F256GM32-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG14 SILABS-EFR32FG14 Datasheet
2Mb / 163P
   EFR32FG14 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG12 SILABS-EFR32FG12 Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
EFR32MG13 SILABS-EFR32MG13 Datasheet
2Mb / 194P
   EFR32MG13 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG12P432F SILABS-EFR32MG12P432F Datasheet
2Mb / 181P
   EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com