Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3708NM-G1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3708NM-G1
Description  PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3708NM-G1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3708NM-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3708NM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3708NM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3708NM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3708NM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3708NM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3708NM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3708NM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3708NM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3708N
Preliminary Datasheet
2
BCD Semiconductor Manufacturing Limited
Apr. 2009 Rev. 2. 1
1
2
3
4
8
7
6
5
Pin Configuration
Figure 2. Pin Configuration of AP3708N (Top View)
M Package
(SOIC-8)
CS
OUT
VCC
GND
BIAS
VDD
FB
CMP
Pin Description
Pin Number
Pin Name
Function
1
CS
The primary current sense
2,
VCC
Supply voltage
3
OUT
This pin drives the base of external power NPN switch
4
GND
Ground
5
CMP
This pin connects a capacitor for output cable compensation
6
FB
The voltage feedback from the auxiliary winding
7
VDD
The 5V output of the internal voltage regulator
8
BIAS
This pin sets the bias current inside AP3708N with an external resistor to GND


Similar Part No. - AP3708NM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZ-E1 BCDSEMI-AP3700AZ-E1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZ-G1 BCDSEMI-AP3700AZ-G1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700AZTR-E1 BCDSEMI-AP3700AZTR-E1 Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
More results

Similar Description - AP3708NM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706 BCDSEMI-AP3706_08 Datasheet
279Kb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706 BCDSEMI-AP3706 Datasheet
75Kb / 2P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706 BCDSEMI-AP3706_09 Datasheet
472Kb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
[Old version datasheet]   Off-Line Primary-Side Sensing Controller
logo
Mitsumi Electronics, Co...
MM3460XF MITSUMI-MM3460XF Datasheet
504Kb / 18P
   Primary-Side Power Control IC for LED Lights
logo
Diodes Incorporated
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com