Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32FG12P431F1024GM48-B Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFR32FG12P431F1024GM48-B
Description  EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32FG12P431F1024GM48-B Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFR32FG12P431F1024GM48-B Datasheet HTML 3Page - Silicon Laboratories EFR32FG12P431F1024GM48-B Datasheet HTML 4Page - Silicon Laboratories EFR32FG12P431F1024GM48-B Datasheet HTML 5Page - Silicon Laboratories EFR32FG12P431F1024GM48-B Datasheet HTML 6Page - Silicon Laboratories EFR32FG12P431F1024GM48-B Datasheet HTML 7Page - Silicon Laboratories EFR32FG12P431F1024GM48-B Datasheet HTML 8Page - Silicon Laboratories EFR32FG12P431F1024GM48-B Datasheet HTML 9Page - Silicon Laboratories EFR32FG12P431F1024GM48-B Datasheet HTML 10Page - Silicon Laboratories EFR32FG12P431F1024GM48-B Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 183 page
background image
2. Ordering Information
Table 2.1. Ordering Information
Ordering Code
Protocol Stack
Frequency Band
@ Max TX Power
Flash
(kB)
RAM
(kB)
GPIO
Package
EFR32FG12P433F1024GL125-B
Proprietary
• 2.4 GHz @ 19 dBm
• Sub-GHz @ 20 dBm
1024
256
65
BGA125
EFR32FG12P433F1024GM48-B
Proprietary
• 2.4 GHz @ 19 dBm
• Sub-GHz @ 20 dBm
1024
256
28
QFN48
EFR32FG12P432F1024GL125-B
Proprietary
2.4 GHz @ 19 dBm
1024
256
65
BGA125
EFR32FG12P432F1024GM48-B
Proprietary
2.4 GHz @ 19 dBm
1024
256
31
QFN48
EFR32FG12P431F1024GL125-B
Proprietary
Sub-GHz @ 20 dBm
1024
256
65
BGA125
EFR32FG12P431F1024GM48-B
Proprietary
Sub-GHz @ 20 dBm
1024
256
31
QFN48
EFR32FG12P232F1024GL125-B
Proprietary
2.4 GHz @ 19 dBm
1024
128
65
BGA125
EFR32FG12P232F1024GM48-B
Proprietary
2.4 GHz @ 19 dBm
1024
128
31
QFN48
EFR32FG12P231F1024GL125-B
Proprietary
Sub-GHz @ 20 dBm
1024
128
65
BGA125
EFR32FG12P231F1024GM48-B
Proprietary
Sub-GHz @ 20 dBm
1024
128
31
QFN48
EFR32
1
P
F
G
A R
Tape and Reel (Optional)
Revision
Pin Count
Package – M (QFN), L (BGA)
Flash Memory Size in kB
Memory Type (Flash)
Feature Set Code – r2r1r0
r2: Reserved
r1: RF Type – 3 (TRX), 2 (RX), 1 (TX)
r0: Frequency Band – 1 (Sub-GHz), 2 (2.4 GHz), 3 (Dual-Band)
G
X
132
1024
L 125
Temperature Grade – G (-40 to +85 °C), -I (-40 to +125 °C)
Performance Grade – P (Performance), B (Basic), V (Value)
Series
Family – M (Mighty), B (Blue), F (Flex)
Wireless Gecko 32-bit
Gecko
2
Device Configuration
Figure 2.1. OPN Decoder
EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
Ordering Information
silabs.com | Building a more connected world.
Rev. 1.0 | 2


Similar Part No. - EFR32FG12P431F1024GM48-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG12P431F1024GM48-C SILABS-EFR32FG12P431F1024GM48-C Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
More results

Similar Description - EFR32FG12P431F1024GM48-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG12 SILABS-EFR32FG12 Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG14 SILABS-EFR32FG14 Datasheet
2Mb / 163P
   EFR32FG14 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG13 SILABS-EFR32MG13 Datasheet
2Mb / 194P
   EFR32MG13 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG12P432F SILABS-EFR32MG12P432F Datasheet
2Mb / 181P
   EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com