Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3772HCK6TR-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3772HCK6TR-G1
Description  Low-Power Off-line Primary Side Regulation Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3772HCK6TR-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3772HCK6TR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3772HCK6TR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3772HCK6TR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3772HCK6TR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3772HCK6TR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3772HCK6TR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3772HCK6TR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3772HCK6TR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3772HCK6TR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Datasheet
Low-Power Off-line Primary Side Regulation Controller
AP3772H
Dec. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3772H is a high performance AC/DC power
supply controller for battery charger and adapter
applications. The device uses Pulse Frequency
Modulation (PFM) method to build discontinuous
conduction mode (DCM) flyback power supplies.
The AP3772H provides accurate constant voltage,
constant
current
(CV/CC)
regulation
without
requiring an opto-coupler and the secondary control
circuitry. It also eliminates the need of loop
compensation
circuitry
while
maintaining
good
stability.
The
AP3772H
can
achieve
excellent
regulation and high average efficiency, yet meets
no-load consumption less than 30mW. It can also
achieve
excellent
dynamic
performance
while
maintaining 30mW standby power with AP4340.
The AP3772H has a built-in fixed cable voltage drop
compensation function. The magnitude of the cable
compensation voltage is set as 3% of the rated output
voltage. It also has an adjustable built-in line
compensation function to achieve tight CC.
The AP3772H is available in SOT-23-6 package.
Features
Primary Side Control for Tight Constant Current
and Constant Voltage
30mW No-load Input Power
Excellent Dynamic Performance with AP4340
Bipolar Junction Transistor (BJT) Driving
Proprietary Adjustable Line Compensation for
CC Variation
Constant and Built-in 6%, 3% and No Cable
Voltage Drop Compensation
Enhanced Audio Noise Suppression
Open Circuit Protection
Over Voltage Protection
Short Circuit Protection
SOT-23-6 package
Applications
Adapters/Chargers for Cell/cordless Phones,
PDAs, MP3 and Other Portable Devices
LED Driver
Standby and Auxiliary Power Supplies
Figure 1. Package Type of AP3772H
SOT-23-6


Similar Part No. - AP3772HCK6TR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776BMTR-G1 DIODES-AP3776BMTR-G1 Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776MTR-G1 DIODES-AP3776MTR-G1 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results

Similar Description - AP3772HCK6TR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com