Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7175 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7175
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7175_17 Datasheet HTML 1Page - Diodes Incorporated AP7175_17 Datasheet HTML 2Page - Diodes Incorporated AP7175_17 Datasheet HTML 3Page - Diodes Incorporated AP7175_17 Datasheet HTML 4Page - Diodes Incorporated AP7175_17 Datasheet HTML 5Page - Diodes Incorporated AP7175_17 Datasheet HTML 6Page - Diodes Incorporated AP7175_17 Datasheet HTML 7Page - Diodes Incorporated AP7175_17 Datasheet HTML 8Page - Diodes Incorporated AP7175_17 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP7175
Document number: DS35606 Rev. 4 - 3
5 of 14
www.diodes.com
January 2017
© Diodes Incorporated
AP7175
NOT RECOMMENDED FOR NEW DESIGN -
NO ALTERNATE PART
Electrical Characteristics (Cont.)
(VCNTL = 5V, VIN = 1.8V, VOUT = 1.2V and TA = -40 to +85°C, @TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
AP7175
Unit
Min
Typ
Max
THERMAL CHARACTERISTIC
θJA
Thermal Resistance Junction-to-Ambient
SO-8EP (Note 6)
70
C/W
MSOP-8EP (Note 7)
80
C/W
θJC
Thermal Resistance Junction-to-Case
SO-8EP (Note 6)
30
C/W
MSOP-8EP (Note 7)
30
C/W
Notes:
6. Device mounted on 2"*2" FR-4 substrate PC board, 2oz copper, with minimum recommended pad on top layer and thermal vias to bottom layer ground
plane.
7. Device mounted on 2"*2" FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Typical Characteristics


Similar Part No. - AP7175_17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7175MP-13 DIODES-AP7175MP-13 Datasheet
435Kb / 14P
   The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
AP7175SP-13 DIODES-AP7175SP-13 Datasheet
435Kb / 14P
   The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
More results

Similar Description - AP7175_17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7176B DIODES-AP7176B Datasheet
1Mb / 14P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
E-CMOS Corporation
EC8330 E-CMOS-EC8330 Datasheet
1Mb / 16P
   3A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G9967 GMT-G9967 Datasheet
38Kb / 1P
   3A Low Dropout Regulator with Enable
G9966 GMT-G9966 Datasheet
445Kb / 9P
   3A Low Dropout Regulator with Enable
logo
Shenzhen Huazhimei Semi...
HM6230 HMSEMI-HM6230 Datasheet
1Mb / 17P
   3A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com