Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7201 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP7201 Datasheet HTML 2Page - Diodes Incorporated AP7201 Datasheet HTML 3Page - Diodes Incorporated AP7201 Datasheet HTML 4Page - Diodes Incorporated AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated AP7201 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
6 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Typical Performance Characteristics (Continued)
Output Voltage vs Output Current
1.8V Fixed Output
0
0.5
1
1.5
2
0
50
100
150
200
250
300
Output Current (mA)
Output Voltage vs Output Current
3.3V Fixed Output
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
300
Output Current (mA)
Line Regulation
1.8V Fixed Output
-0.2
-0.1
0.0
0.1
0.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
-40°C
85°C
25°C
Line Regulation
3.3V Fixed Output
-0.2
-0.1
0.0
0.1
0.2
3.5
4.0
4.5
5.0
Input Voltage (V)
-40°C
85°C
25°C
Load Regulation
1.8V Fixed Output
-0.1
1.9
3.9
5.9
7.9
9.9
11.9
0
204060
80
100
Output Current (mA)
85°C
25°C
-40°C
Load Regulation
3.3V Fixed Output
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
0
20406080
100
Output Current (mA)
-40°C
25°C
85°C
Vin=2.8V, CIN=COUT=1uF
Vin=4.3V, CIN=COUT=1uF


Similar Part No. - AP7201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP7212 ETC-AP7212 Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
logo
List of Unclassifed Man...
AP7215 ETC-AP7215 Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
logo
Diodes Incorporated
AP7215-33SG-13 DIODES-AP7215-33SG-13 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
AP7215-33YG-13 DIODES-AP7215-33YG-13 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results

Similar Description - AP7201

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com