Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7361-XXER-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7361-XXER-13
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361-XXER-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7361-XXER-13 Datasheet HTML 1Page - Diodes Incorporated AP7361-XXER-13 Datasheet HTML 2Page - Diodes Incorporated AP7361-XXER-13 Datasheet HTML 3Page - Diodes Incorporated AP7361-XXER-13 Datasheet HTML 4Page - Diodes Incorporated AP7361-XXER-13 Datasheet HTML 5Page - Diodes Incorporated AP7361-XXER-13 Datasheet HTML 6Page - Diodes Incorporated AP7361-XXER-13 Datasheet HTML 7Page - Diodes Incorporated AP7361-XXER-13 Datasheet HTML 8Page - Diodes Incorporated AP7361-XXER-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AP7361
Document number: DS33626 Rev. 11 - 3
5 of 22
www.diodes.com
March 2017
© Diodes Incorporated
AP7361
Electrical Characteristics (@TA = +25°C, VIN = VOUT +1V, CIN = 1μF, COUT = 4.7μF, VEN = VIN unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VREF
FB Reference Voltage
IOUT = 10mA, TA = +25°C
0.8
V
IADJ
ADJ Pin Leakage
0.1
0.5
µA
IQ
Input Quiescent Current
Enabled, IOUT = 0A
70
90
µA
ISHDN
Input Shutdown Current
VEN = 0V, IOUT = 0A
-1
0.05
1
µA
VOUT
Output Voltage Accuracy
IOUT = 100mA, TA = +25°C
-1
1
%
IOUT = 100mA, -40°C ≤ TA ≤ +85°C
-2
2
Over VIN, IOUT, and TA
-3
±0.5
3
OUT
V
ΔVIN
ΔVOUT
Line Regulation
VIN = VOUT +1V to
6V, IOUT = 100mA
TA = +25°C
0.01
0.1
%/V
-40°C
≤TA ≤ +85°C
0.2
VOUT / VOUT Load Regulation
IOUT from 1mA to 300mA
-1.0
0.5
1.0
%
IOUT from 1mA to 1A
-1.0
0.5
1.0
%
VDROPOUT
Dropout Voltage (Note 7)
IOUT = 300mA
150
200
mV
IOUT = 500mA
250
350
IOUT = 1A
500
700
VIL
EN Input Logic Low Voltage
0
0.3
V
VIH
EN Input Logic High Voltage
1.0
VIN
V
IEN
EN Input Leakage
VIN = 6V, VEN = 0V or 6V
-0.1
0.01
0.1
µA
ILIMIT
Current Limit
VIN = VOUT +1V
1.1
1.5
A
ISHORT
Short-Circuit Current
VIN = VOUT +1V, Output Voltage < 15% VOUT
200
mA
PSRR
Power Supply Rejection Ratio
(Note 8)
f = 1KHz, IOUT = 100mA
60
65
dB
f = 10KHz, IOUT = 100mA
45
tST
Start-Up Time
VOUT = 3V, COUT = 1µF, RL = 30Ω
200
µs
VOUT
A
ΔT
ΔVOUT
Output Voltage Temperature Coefficient
IOUT = 100mA, -40°C ≤ TA ≤ +85°C
±130
ppm/°C
TSHDN
Thermal Shutdown Threshold
150
°C
THYS
Thermal Shutdown Hysteresis
20
°C
θJA
Thermal Resistance Junction-to-Ambient
U-DFN3030-8 (Note 9)
70
°C/W
TO252 (Note 9)
95
SOT223 (Note 9)
110
SOT89-5 (Note 9)
150
SO-8EP (Note 9)
100
Notes:
7. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its
nominal value. This parameter only applies to output voltages above 1.5V since minimum VIN = 2.2V.
8. For VIN  2.5V and VIN = VOUT +1V. For VIN < 2.5V, the PSRR performance may be reduced.
9. Test condition: DFN3030E-8, SO-8EP device mounted on 2"x2", FR-4 substrate PCB, with minimum recommended pad on top layer and thermal vias to
bottom layer ground plane. TO252 device mounted on 2"x2" FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
SOT223 the device is mounted on FR-4 substrate PC board, with minimum recommended pad layout. SOT89-5L device mounted on 1"x1" FR-4
substrate PC board, with minimum recommended pad layout.


Similar Part No. - AP7361-XXER-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
More results

Similar Description - AP7361-XXER-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com