Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP65201 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP65201
Description  TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC/DC BUCK CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65201 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP65201 Datasheet HTML 2Page - Diodes Incorporated AP65201 Datasheet HTML 3Page - Diodes Incorporated AP65201 Datasheet HTML 4Page - Diodes Incorporated AP65201 Datasheet HTML 5Page - Diodes Incorporated AP65201 Datasheet HTML 6Page - Diodes Incorporated AP65201 Datasheet HTML 7Page - Diodes Incorporated AP65201 Datasheet HTML 8Page - Diodes Incorporated AP65201 Datasheet HTML 9Page - Diodes Incorporated AP65201 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AP65201
Document number: DS36109 Rev. 3 - 3
6 of 14
www.diodes.com
December 2016
© Diodes Incorporated
AP65201
NOT RECOMMENDED FOR NEW DESIGN
Typical Performance Characteristics (Cont.) (@TA = +25°C, V
IN = 12V, V
OUT = 3.3V, L = 4.7µH, unless otherwise
specified.)
VIN=4.7V
VIN=12V
VIN=16V
VIN=4.7V
VIN=12V
VIN=16V
VIN=12V
VIN=16V
IOUT=2A
VIN=4.7V
IOUT=0A
IOUT=1.5A


Similar Part No. - AP65201

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65211 DIODES-AP65211 Datasheet
830Kb / 14P
   TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
AP65211A DIODES-AP65211A Datasheet
921Kb / 13P
   LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
AP65211AWU-7 DIODES-AP65211AWU-7 Datasheet
921Kb / 13P
   LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
AP65211A DIODES-AP65211A_17 Datasheet
921Kb / 13P
   LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
AP65211WU-7 DIODES-AP65211WU-7 Datasheet
830Kb / 14P
   TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
More results

Similar Description - AP65201

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65211 DIODES-AP65211 Datasheet
830Kb / 14P
   TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
AP65111 DIODES-AP65111 Datasheet
827Kb / 14P
   TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
AP65101 DIODES-AP65101 Datasheet
1Mb / 14P
   TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
AP65211A DIODES-AP65211A_17 Datasheet
921Kb / 13P
   LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
AP65111A DIODES-AP65111A Datasheet
911Kb / 13P
   LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
AP65400 DIODES-AP65400 Datasheet
716Kb / 15P
   LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
AP65500 DIODES-AP65500 Datasheet
776Kb / 15P
   LIGHT LOAD IMPROVED 5A SYNCH DC/DC BUCK CONVERTER
AP65502 DIODES-AP65502 Datasheet
668Kb / 15P
   LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
AP65403 DIODES-AP65403 Datasheet
607Kb / 15P
   LIGHT LOAD IMPROVED 4A, 750kHz SYNCH DC/DC BUCK CONVERTER
AP65402 DIODES-AP65402 Datasheet
641Kb / 15P
   LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com