Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFW45N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STFW45N65M5
Description  N-channel 650 V, 35 A, 0.067typ., MDmesh??V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW45N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STFW45N65M5 Datasheet HTML 3Page - STMicroelectronics STFW45N65M5 Datasheet HTML 4Page - STMicroelectronics STFW45N65M5 Datasheet HTML 5Page - STMicroelectronics STFW45N65M5 Datasheet HTML 6Page - STMicroelectronics STFW45N65M5 Datasheet HTML 7Page - STMicroelectronics STFW45N65M5 Datasheet HTML 8Page - STMicroelectronics STFW45N65M5 Datasheet HTML 9Page - STMicroelectronics STFW45N65M5 Datasheet HTML 10Page - STMicroelectronics STFW45N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID024049 Rev 2
7/18
STFW45N65M5, STW45N65M5, STWA45N65M5
Electrical characteristics
18
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance
Figure 10. Capacitance variations
Figure 11. Output capacitance stored energy
Figure 12. Normalized gate threshold voltage
vs. temperature
Figure 13. Normalized on-resistance vs.
temperature
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=520V
ID=17.5A
100
12
300
200
100
0
400
500
VDS
VDS
(V)
AM13082v1
RDS(on)
0.067
0.065
0.063
0.061
0
15
ID(A)
(
Ω)
10
20
0.069
0.071
VGS=10V
25
5
AM13083v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM13084v1
Eoss
6
4
2
0
0
100
VDS(V)
(µJ)
400
8
200 300
10
12
500
600
14
16
AM13085v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID=250µA
AM05459v2
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.9
2.1
VGS=10V
ID=17.5V
AM05460v2


Similar Part No. - STFW45N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STFW45N65M5 ISC-STFW45N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STFW45N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW88N65M5 STMICROELECTRONICS-STW88N65M5 Datasheet
1Mb / 15P
   N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
   N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
December 2013
STW40N95DK5 STMICROELECTRONICS-STW40N95DK5 Datasheet
774Kb / 14P
   N-channel 950 V, 0.120 廓 typ., 38 A, MDmesh??DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
STW70N65DM6 STMICROELECTRONICS-STW70N65DM6 Datasheet
528Kb / 15P
   N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
DS12313 - Rev 2 - July 2019
STW75N60DM6 STMICROELECTRONICS-STW75N60DM6 Datasheet
333Kb / 14P
   N-channel 600 V, 32 m廓 typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
July 2020
STW40N90K5 STMICROELECTRONICS-STW40N90K5 Datasheet
779Kb / 14P
   N-channel 900 V, 0.088 ??typ., 40 A MDmesh??K5 Power MOSFETs in TO-247 and TO-247 long leads packages
November 2016 Rev 2
STW3N170 STMICROELECTRONICS-STW3N170 Datasheet
740Kb / 14P
   N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
September 2015
STWA3N170 STMICROELECTRONICS-STWA3N170 Datasheet
740Kb / 14P
   N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
September 2015
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
October 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com