Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si1085-A-GM Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si1085-A-GM
Description  MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1085-A-GM Datasheet(HTML) 5 Page - Silicon Laboratories

  Si1085-A-GM Datasheet HTML 1Page - Silicon Laboratories Si1085-A-GM Datasheet HTML 2Page - Silicon Laboratories Si1085-A-GM Datasheet HTML 3Page - Silicon Laboratories Si1085-A-GM Datasheet HTML 4Page - Silicon Laboratories Si1085-A-GM Datasheet HTML 5Page - Silicon Laboratories Si1085-A-GM Datasheet HTML 6Page - Silicon Laboratories Si1085-A-GM Datasheet HTML 7Page - Silicon Laboratories Si1085-A-GM Datasheet HTML 8Page - Silicon Laboratories Si1085-A-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 358 page
background image
Rev. 1.0
5
Si106x/108x
15.9. DC-DC Converter Register Descriptions ....................................................... 181
15.10. DC-DC Converter Specifications ................................................................. 183
16. Voltage Regulator (VREG0)................................................................................. 184
16.1. Voltage Regulator Electrical Specifications ................................................... 184
17. Reset Sources ...................................................................................................... 185
17.1. MCU Power-On (VBAT Supply Monitor) Reset ............................................. 186
17.2. Power-Fail (VDD_MCU Supply Monitor) Reset............................................. 187
17.3. External Reset ............................................................................................... 189
17.4. Missing Clock Detector Reset ....................................................................... 189
17.5. Comparator0 Reset ....................................................................................... 190
17.6. PCA Watchdog Timer Reset ......................................................................... 190
17.7. Flash Error Reset .......................................................................................... 190
17.8. SmaRTClock (Real Time Clock) Reset ......................................................... 190
17.9. Software Reset .............................................................................................. 190
18. Clocking Sources................................................................................................. 192
18.1. Programmable Precision Internal Oscillator .................................................. 193
18.2. Low Power Internal Oscillator........................................................................ 193
18.3. External Oscillator Drive Circuit..................................................................... 193
18.4. Special Function Registers for Selecting and Configuring the System Clock 197
19. SmaRTClock (Real Time Clock).......................................................................... 200
19.1. SmaRTClock Interface .................................................................................. 200
19.2. SmaRTClock Clocking Sources .................................................................... 207
19.3. SmaRTClock Timer and Alarm Function ....................................................... 211
20. Si106x/108xPort Input/Output............................................................................. 217
20.1. Port I/O Modes of Operation.......................................................................... 218
20.2. Assigning Port I/O Pins to Analog and Digital Functions............................... 219
20.3. Priority Crossbar Decoder ............................................................................. 221
20.4. Port Match ..................................................................................................... 226
20.5. Special Function Registers for Accessing and Configuring Port I/O ............. 229
21. Controller Interface.............................................................................................. 238
21.1. Serial Interface (SPI1) ................................................................................... 238
21.2. Fast Response Registers (Si1060/61/62/63 and Si1080/81/82/83) .............. 241
21.3. Operating Modes and Timing ........................................................................ 241
21.4. Application Programming Interface (API) ...................................................... 246
21.5. GPIO
.......................................................................................................... 247
22. Radio 142–1050 MHz Transceiver Functional Description .............................. 248
23. Modulation and Hardware Configuration Options............................................ 249
23.1. Modulation Types .......................................................................................... 249
23.2. Hardware Configuration Options ................................................................... 249
23.3. Preamble Length ........................................................................................... 250
24. Internal Functional Blocks .................................................................................. 252
24.1. RX Chain ....................................................................................................... 252
24.2. RX Modem..................................................................................................... 253
24.3. Synthesizer.................................................................................................... 255
24.4. Transmitter (TX) ............................................................................................ 258


Similar Part No. - Si1085-A-GM

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SI100 3M-SI100 Datasheet
320Kb / 4P
   3M Scotch-Weld??Surface Insensitive Instant Adhesives
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1000 ETC2-SI1000 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1000-C SILABS-SI1000-C Datasheet
37Kb / 1P
   Typical sleep mode current 0.1 A retains state and RAM contents over full supply range fast wakeup of 2 s
SI1000-C-GM SILABS-SI1000-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Similar Description - Si1085-A-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1000-E-GM2 SILABS-SI1000-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
   Integrated MCU with Spread-Spectrum Transceiver (SST)
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
Texas Instruments
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_1 Datasheet
958Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
   ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com