Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4055-C2A-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si4055-C2A-GM
Description  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4055-C2A-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  Si4055-C2A-GM Datasheet HTML 1Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 2Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 3Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 4Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 5Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 6Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 7Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 8Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Si4x55-C
2
Rev 1.0
Functional Block Diagram
Rx/Tx
Modem
Synthesizer
LNA
PGA
ADC
Rx Chain
PA
Battery
Voltage
Sensor
Aux ADC
25-32MHz XO
SDN
RXp
RXn
TX
VDD
GPIO0
GPIO1
nSEL
SDI
SDO
SCLK
nIRQ
XOUT
XIN
GPIO2
GPIO3


Similar Part No. - Si4055-C2A-GM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4056ADY VISHAY-SI4056ADY Datasheet
253Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI4056ADY-T1-GE3 VISHAY-SI4056ADY-T1-GE3 Datasheet
253Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI4056DY VISHAY-SI4056DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 21-May-12
logo
Guangdong Kexin Industr...
SI4056DY KEXIN-SI4056DY Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Vishay Telefunken
SI4056DY TFUNK-SI4056DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - Si4055-C2A-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com