Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4705-D60-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si4705-D60-GM
Description  BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4705-D60-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si4705-D60-GM Datasheet HTML 1Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 2Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 3Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 4Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 5Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 6Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 7Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 8Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Rev. 1.2 8/13
Copyright © 2013 by Silicon Laboratories
Si4704/05-D60
Si4704/05-D60
B ROADCAST FM R ADIO R ECEIVER WITH RDS/RBDS
Features
Applications
Description
The Si4704/05-D60 digital CMOS FM radio receiver IC integrates the complete
tuner function from antenna input to digital audio output, enabling a cost efficient
digital audio platform for consumer electronic applications with high TDMA noise
immunity, superior radio performance, and high fidelity audio power amplification.
Functional Block Diagram
Worldwide FM band support
(64–108 MHz)
Excellent real-world performance
Integrated VCO
Advanced FM seek tuning
Automatic frequency control (AFC)
Automatic gain control (AGC)
Digital FM stereo decoder
Programmable de-emphasis
Advanced Audio Processing
FM digital tuning
EN55020 compliant
No manual alignment necessary
Programmable reference clock
Adjustable soft mute control
RDS/RBDS processor (Si4705-D60)
Digital audio out
2-wire and 3-wire control interface
Integrated LDO regulator
QFN and SSOP packages

RoHS compliant
Table and portable radios
Mini/micro systems
CD/DVD and Blu-ray players
Stereo boom boxes
Modules for consumer electronics
Clock radios
Mini HiFi and docking stations
Entertainment systems
ADC
Si4704/05-D60
DSP
DAC
LOUT
ROUT
AFC
GPO/DCLK
LDO
VA
2.7~5.5 V (QFN) / 2.0~5.5 V (SSOP)
RDS
(Si4705)
VD
1.62 - 3.6 V
CONTROL
INTERFACE
LNA
AGC
GND
ADC
Mux
Mux
DAC
LOW-IF
DIGITAL
AUDIO
DFS
DOUT
RFGND
FMI
FM Antenna
+
RCLK
32.768 kHz
0/90
This product, its features, and/or its
architecture is covered by one or more of
the following patents, as well as other
patents, pending and issued, both
foreign
and
domestic:
7,127,217;
7,272,373;
7,272,375;
7,321,324;
7,355,476;
7,426,376;
7,471,940;
7,339,503; 7,339,504.
Ordering Information:
See page 29.
Pin Assignments
Si4704/05-D60 (SSOP)
Si4704/05-D60 (QFN)
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT
LOUT/[DFS]
ROUT/[DOUT]
GND
RST
NC
LPI
VA
FMI
RFGND
LOUT/[DFS]
ROUT/[DOUT]
DBYP
VD
GPO2/[INT]
GPO3/[DCLK]
DOUT
DFS
1
2
3
4
5
6
7
8
9
10
11
12
GPO1
VA
SDIO
NC
NC
RCLK
SEN
FMI
RFGND
SCLK
GND
NC
LPI
RST
GND
NC
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - Si4705-D60-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Skyworks Solutions Inc.
SI4705-D60-GM SKYWORKS-SI4705-D60-GM Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
More results

Similar Description - Si4705-D60-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4704-D60 SILABS-SI4704-D60 Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI4706-C31 SILABS-SI4706-C31 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM RDS/RBDS RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com