Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32MG1P232F256GM32-C0 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFR32MG1P232F256GM32-C0
Description  EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32MG1P232F256GM32-C0 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFR32MG1P232F256GM32-C0 Datasheet HTML 5Page - Silicon Laboratories EFR32MG1P232F256GM32-C0 Datasheet HTML 6Page - Silicon Laboratories EFR32MG1P232F256GM32-C0 Datasheet HTML 7Page - Silicon Laboratories EFR32MG1P232F256GM32-C0 Datasheet HTML 8Page - Silicon Laboratories EFR32MG1P232F256GM32-C0 Datasheet HTML 9Page - Silicon Laboratories EFR32MG1P232F256GM32-C0 Datasheet HTML 10Page - Silicon Laboratories EFR32MG1P232F256GM32-C0 Datasheet HTML 11Page - Silicon Laboratories EFR32MG1P232F256GM32-C0 Datasheet HTML 12Page - Silicon Laboratories EFR32MG1P232F256GM32-C0 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 163 page
background image
3. System Overview
3.1 Introduction
The EFR32 product family combines an energy-friendly MCU with a highly integrated radio transceiver. The devices are well suited for
any battery operated application as well as other systems requiring high performance and low energy consumption. This section gives a
short introduction to the full radio and MCU system. The detailed functional description can be found in the EFR32 Reference Manual.
A block diagram of the EFR32MG1 family is shown in Figure 3.1 Detailed EFR32MG1 Block Diagram on page 4. The diagram
shows a superset of features available on the family, which vary by OPN. For more information about specific device features, consult
Ordering Information.
Analog Peripherals
Clock Management
LFXTAL_P / N
LFXO
IDAC
ARM Cortex-M4 Core
Up to 256 KB ISP Flash
Program Memory
Up to 32 KB RAM
A
H
B
Watchdog
Timer
Reset
Management
Unit
Brown Out /
Power-On
Reset
RESETn
Digital Peripherals
Port
Mapper
Port I/O Configuration
I2C
Analog Comparator
12-bit ADC
Temp
Sensor
VREF
VDD
VDD
Internal
Reference
TIMER
CRYOTIMER
PCNT
USART
Port A
Drivers
Port B
Drivers
PAn
Port C
Drivers
PCn
PBn
Port D
Drivers
PDn
LETIMER
RTC / RTCC
IOVDD
AUXHFRCO
HFRCO
ULFRCO
HFXO
Port F
Drivers
PFn
Memory Protection Unit
LFRCO
A
P
B
LEUART
CRYPTO
CRC
DMA Controller
+
-
Floating Point Unit
Energy Management
DC-DC
Converter
DVDD
VREGVDD
VSS
VREGSW
bypass
AVDD
PAVDD
RFVDD
Voltage
Regulator
DECOUPLE
IOVDD
Voltage
Monitor
VREGVSS
RFVSS
PAVSS
Serial Wire Debug /
Programming
Radio Transciever
2G4RF_IOP
2G4RF_ION
2.4 GHz RF
PA
I
Q
LNA
Frequency
Synthesizer
DEMOD
AGC
IFADC
MOD
PGA
HFXTAL_P
HFXTAL_N
SUBGRF_OP
SUBGRF_ON
Sub-GHz RF
I
Q
PA
SUBGRF_IP
SUBGRF_IN
LNA
To RF
Frontend
Circuits
BALUN
RFSENSE
Figure 3.1. Detailed EFR32MG1 Block Diagram
3.2 Radio
The Mighty Gecko family features a radio transceiver supporting Bluetooth Smart® and proprietary short range wireless protocols.
EFR32MG1 Mighty Gecko ZigBee® & Thread SoC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.1 | 4


Similar Part No. - EFR32MG1P232F256GM32-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32MG1P232F256GM32-C0 SILABS-EFR32MG1P232F256GM32-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1P232F256GM32-C0 SILABS-EFR32MG1P232F256GM32-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1P232F256GM32-C0R SILABS-EFR32MG1P232F256GM32-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1P232F256GM32-C0R SILABS-EFR32MG1P232F256GM32-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32MG1P232F256GM32-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32MG1B732F256 SILABS-EFR32MG1B732F256 Datasheet
1Mb / 94P
   EFR32MG1 Mighty Gecko SoC with Integrated Serial Flash Data Sheet
EFR32MG13 SILABS-EFR32MG13 Datasheet
2Mb / 194P
   EFR32MG13 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG12P432F SILABS-EFR32MG12P432F Datasheet
2Mb / 181P
   EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG21 SILABS-EFR32MG21 Datasheet
893Kb / 76P
   EFR32MG21 Mighty Gecko Multiprotocol Wireless SoC Family
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com