Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLWSTK6101B Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SLWSTK6101B
Description  BGM113 Blue Gecko BluetoothModule Data Sheet
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SLWSTK6101B Datasheet(HTML) 5 Page - Silicon Laboratories

  SLWSTK6101B Datasheet HTML 1Page - Silicon Laboratories SLWSTK6101B Datasheet HTML 2Page - Silicon Laboratories SLWSTK6101B Datasheet HTML 3Page - Silicon Laboratories SLWSTK6101B Datasheet HTML 4Page - Silicon Laboratories SLWSTK6101B Datasheet HTML 5Page - Silicon Laboratories SLWSTK6101B Datasheet HTML 6Page - Silicon Laboratories SLWSTK6101B Datasheet HTML 7Page - Silicon Laboratories SLWSTK6101B Datasheet HTML 8Page - Silicon Laboratories SLWSTK6101B Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
Table 3.1. Antenna Efficiency and Peak Gain
Parameter
With optimal layout Note
Efficiency
-3 to -4 dB
Efficiency and peak gain depend on the application PCB layout
and mechanical design
Peak gain
0.5 dBi
3.2.2 Wake on Radio
The Wake on Radio feature allows flexible, autonomous RF sensing, qualification, and demodulation without required MCU activity, us-
ing a subsystem of the BGM113 including the Radio Controller (RAC), Peripheral Reflex System (PRS), and Low Energy peripherals.
3.2.3 RFSENSE
The RFSENSE module generates a system wakeup interrupt upon detection of wideband RF energy at the antenna interface, providing
true RF wakeup capabilities from low energy modes including EM2, EM3 and EM4.
RFSENSE triggers on a relatively strong RF signal and is available in the lowest energy modes, allowing exceptionally low energy con-
sumption. RFSENSE does not demodulate or otherwise qualify the received signal, but software may respond to the wakeup event by
enabling normal RF reception.
Various strategies for optimizing power consumption and system response time in presence of false alarms may be employed using
available timer peripherals.
3.2.4 Packet and State Trace
The BGM113 Frame Controller has a packet and state trace unit that provides valuable information during the development phase. It
features:
• Non-intrusive trace of transmit data, receive data and state information
• Data observability on a single-pin UART data output, or on a two-pin SPI data output
• Configurable data output bitrate / baudrate
• Multiplexed transmitted data, received data and state / meta information in a single serial data stream
3.2.5 Random Number Generator
The Frame Controller (FRC) implements a random number generator that uses entropy gathered from noise in the RF receive chain.
The data is suitable for use in cryptographic applications.
Output from the random number generator can be used either directly or as a seed or entropy source for software-based random num-
ber generator algorithms such as Fortuna.
BGM113 Blue Gecko Bluetooth ® Module Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.00 | 4


Similar Part No. - SLWSTK6101B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWSTK6101A SILABS-SLWSTK6101A Datasheet
11Mb / 32P
   Blue Gecko BGM111 Bluetooth
SLWSTK6101C SILABS-SLWSTK6101C Datasheet
1Mb / 39P
   UG234: BGM121 Blue Gecko SiP Module Wireless Starter Kit
Rev. 1.02
SLWSTK6101C SILABS-SLWSTK6101C Datasheet
3Mb / 95P
   BGM11S Blue Gecko Bluetooth® SiP Module Data Sheet
Rev. 1.4
SLWSTK6101C SILABS-SLWSTK6101C Datasheet
2Mb / 87P
   BGM111E Wireless Gecko Bluetooth® Module Data Sheet
Rev. 1.4
More results

Similar Description - SLWSTK6101B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BGM13S SILABS-BGM13S Datasheet
3Mb / 142P
   Blue Gecko Bluetooth 짰 SiP Module
BGX13P SILABS-BGX13P Datasheet
6Mb / 30P
   BGX13P Blue Gecko Bluetooth 짰 Module
BGM210P SILABS-BGM210P Datasheet
2Mb / 50P
   BGM210P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.3
BGM11S SILABS-BGM11S Datasheet
3Mb / 95P
   BGM11S Blue Gecko Bluetooth® SiP Module Data Sheet
Rev. 1.4
BGM220P SILABS-BGM220P Datasheet
2Mb / 49P
   BGM220P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGM240P SILABS-BGM240P Datasheet
3Mb / 62P
   BGM240P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGX220P SILABS-BGX220P Datasheet
2Mb / 39P
   BGX220P Wireless Gecko Bluetooth Xpress Module Data Sheet
Rev. 1.0
BGX13S SILABS-BGX13S Datasheet
2Mb / 42P
   BGX13S Blue Gecko Xpress Bluetooth ® SiP Module Data Sheet
Rev. 1.1
BGM111E SILABS-BGM111E Datasheet
2Mb / 87P
   BGM111E Wireless Gecko Bluetooth® Module Data Sheet
Rev. 1.4
BGM13P SILABS-BGM13P Datasheet
4Mb / 103P
   BGM13P Wireless Gecko Bluetooth ® Module Data Sheet
Rev. 1.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com