Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87312VF Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87312VF Datasheet HTML 7Page - National Semiconductor (TI) PC87312VF Datasheet HTML 8Page - National Semiconductor (TI) PC87312VF Datasheet HTML 9Page - National Semiconductor (TI) PC87312VF Datasheet HTML 10Page - National Semiconductor (TI) PC87312VF Datasheet HTML 11Page - National Semiconductor (TI) PC87312VF Datasheet HTML 12Page - National Semiconductor (TI) PC87312VF Datasheet HTML 13Page - National Semiconductor (TI) PC87312VF Datasheet HTML 14Page - National Semiconductor (TI) PC87312VF Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
SOUT12
73 65
O
Serial Output
This output sends composite serial data to the communications link (peripheral device
MODEM or data set) The SOUT signal is set to a marking state (logic 1) after a Master Reset
operation (See BOUT and CFG0 – 4 for further information on these pins)
STB
95
O
Data Strobe
This output indicates to the printer that valid data is available at the printer port This pin
will be in a TRI-STATE condition 10 ns after a zero is loaded into the corresponding Control Register bit
The system should pull this pin high using a 47 kX resistor
STEP
40
O
Step
This output signal issues pulses to the disk drive at a software programmable rate to move the
head during a seek operation
TC
6
I
Terminal Count
Control signal from the DMA controller to indicate the termination of a DMA transfer
TC is accepted only when DACK is active TC is active high in PC-AT and Model 30 modes and active
low in PS2 mode
TRK0
37
I
Track 0
This input indicates to the controller that the head of the selected floppy disk drive is at track
zero
VDDA
33
Analog Supply
This pin is the 5V supply for the analog data separator
VDDBC
50 99
Digital Supply
This is the 5V supply voltage for the digital circuitry
VSSA
31
Analog Ground
This is the analog ground for the data separator
VSSB-E
42 9
Digital Ground
This is the ground for the digital circuitry
90 61
WR
18
I
Write
Active low input to signal a write from the microprocessor to the controller
WDATA
39
O
Write Data
This output is the write precompensated serial data that is written to the selected floppy
disk drive Precompensation is software selectable
WGATE
38
O
Write Gate
This output signal enables the write circuitry of the selected disk drive WGATE has been
designed to prevent glitches during power up and power down This prevents writing to the disk when
power is cycled
WP
36
I
Write Protect
This input indicates that the disk in the selected drive is write protected
X1OSC
7
I
Crystal1Clock
One side of an external 24 MHz crystal is attached here If a crystal is not used a TTL
or CMOS compatible clock is connected to this pin
X2
8
O
Crystal2
One side of an external 24 MHz crystal is attached here This pin is left unconnected if an
external clock is used
XTSEL
63
I
XT Select
When this pin is high during reset the chip will operate in the XT mode When this pin is low
during reset the chip will operate in the AT mode An internal pull-down resistor of 40 kX is on this pin
Usea10kX resistor to pull this pin to the required level during reset
There are five differences between AT and XT mode One concerns hard disk operation and the other
four concern UART operation In AT mode the IDE hard drive chip selects (HCS0 HCS1) will be active
for addresses 1F0 – 7H and 3F6 7H respectively In XT mode the IDE chip select HCS0 responds to
addresses 320 – 3H and HCS1 is inactive The differences in UART operation are the function of LSR
bit (see Section 65 bit 6) the modem control outputs during loop back mode (see Section 68 bit 4) the
Scratch Pad Register (see Section 610) and the availability of edge (XT) or level (AT) sensitive UART
interrupts
Note
XTSEL is an option for the PC87311A only
11


Similar Part No. - PC87312VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87317 NSC-PC87317 Datasheet
2Mb / 272P
   PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
   PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
More results

Similar Description - PC87312VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
   Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PC87332VLJ NSC-PC87332VLJ Datasheet
887Kb / 98P
   PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
   PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
   PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com