Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD24N06LT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # STD24N06LT4G
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STD24N06LT4G Datasheet(HTML) 3 Page - ON Semiconductor

  STD24N06LT4G Datasheet HTML 1Page - ON Semiconductor STD24N06LT4G Datasheet HTML 2Page - ON Semiconductor STD24N06LT4G Datasheet HTML 3Page - ON Semiconductor STD24N06LT4G Datasheet HTML 4Page - ON Semiconductor STD24N06LT4G Datasheet HTML 5Page - ON Semiconductor STD24N06LT4G Datasheet HTML 6Page - ON Semiconductor STD24N06LT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTD24N06L, STD24N06L
http://onsemi.com
3
0
0.06
30
20
0.04
0.02
0
10
40
0.08
0.1
50
2
1.6
1.2
1.4
1
0.8
0.6
1
1000
10000
04
20
2
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0
0.06
30
20
0.04
0.02
0
10
40
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
50
−50
50
25
0
−25
75
125
100
1.6
2.4
4.8
040
30
20
60
10
3
10
30
8 V
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
TJ = 100°C
VGS = 5 V
VGS = 10 V
150
175
VGS = 0 V
ID = 12 A
VGS = 5 V
40
0.08
0.1
VGS = 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
50
TJ = 150°C
TJ = 100°C
20
0
50
10
30
40
3.2
4
TJ = 25°C
TJ = −55°C
50
100
6 V
5 V
4.5 V
4 V
3.5 V
3 V
1.8


Similar Part No. - STD24N06LT4G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
STD24-Applicator MACOM-STD24-Applicator Datasheet
5Mb / 85P
   tyco electronics contents
logo
Visual Communications C...
STD240BLK VCC-STD240BLK Datasheet
67Kb / 1P
   STD
logo
SamHop Microelectronics...
STD2455PLS SAMHOP-STD2455PLS Datasheet
792Kb / 9P
   P-Channel E nhancement Mode Field Effect Transistor
logo
Tyco Electronics
STD24W MACOM-STD24W Datasheet
5Mb / 85P
   tyco electronics contents
logo
TE Connectivity Ltd
STD24W-0 TEC-STD24W-0 Datasheet
385Kb / 3P
   STD and STB Markers
More results

Similar Description - STD24N06LT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com