Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW30R Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCW30R
Description  SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCW30R Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCW30R Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR
SMALL SIGNAL TRANSISTORS
ISSUE 3 - JULY 1995
PARTMARKING DETAILS – BCW29 - C1
BCW30 - C2
BCW29R - C4
BCW30R - C5
COMPLEMENTARY TYPES – BCW29 - BCW31
BCW30 - BCW32
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-20
V
Peak Pulse Current
ICM
-5
A
Continuous Collector Current
IC
-100
A
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP.
MAX. UNIT CONDITIONS.
Base - Emitter Voltage
VBE
-600
-750
mV
IC=-2mA, VCE =- 5V
Collector-Emitter Saturation
Voltage
VCE(SAT)
-80
-150
250
mV
mV
IC=-10mA, IB = - 0.5mA
IC=-50mA, IB =-2.5mA
Base-Emitter Saturation
Voltage
VBE(SAT)
-720
-810
mV
mV
IC=-10mA, IB=-0.5mA
IC =-50mA, IB=-2.5mA
Collector- Base Cut-Off
Current
ICBO
-100
-10
nA
µ
A
IE=0, VCB=-20V
IE=0,VCB=-20V,
Tj =100oC
Static Forward
Current
Transfer
Ratio
BCW29 hFE
120
90
260
IC=-10µA, VCE=-5V
IC=-2mA, VCE=-5V
BCW30 hFE
215
150
500
IC=-10µA, VCE=-5V
IC=-2mA, VCE=-5V
Transition Frequency
fT
150
MHz
IC=-10mA, VCE=-5V
f = 35MHz
Collector Capacitance
CTC
7pF
IE =Ie =0, VCB =-10V
f= 1MHz
Noise Figure
N
10
dB
IC= -200mA, VCE =-5V
RS =2KΩ, f=1KHz
B= 200Hz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
BCW29
BCW30
C
B
E
SOT23


Similar Part No. - BCW30R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW30 PHILIPS-BCW30 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 13
logo
Rectron Semiconductor
BCW30 RECTRON-BCW30 Datasheet
456Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
Nexperia B.V. All right...
BCW30 NEXPERIA-BCW30 Datasheet
314Kb / 7P
   PNP general purpose transistors
2004 Jan 13
logo
STMicroelectronics
BCW30 STMICROELECTRONICS-BCW30 Datasheet
37Kb / 4P
   SMALL SIGNAL PNP TRANSISTORS
logo
NXP Semiconductors
BCW30 NXP-BCW30 Datasheet
118Kb / 6P
   PNP general purpose transistors
2004 Jan 13
More results

Similar Description - BCW30R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX71 ZETEX-BCX71 Datasheet
204Kb / 2P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Diodes Incorporated
BCW61 DIODES-BCW61 Datasheet
43Kb / 2P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Zetex Semiconductors
BCW89 ZETEX-BCW89 Datasheet
163Kb / 2P
   SOT23 PNP PLANAR SMALL SIGNAL TRANSISTORS
FMMT5087 ZETEX-FMMT5087 Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMTA70 ZETEX-FMMTA70 Datasheet
28Kb / 1P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMT5088 ZETEX-FMMT5088 Datasheet
31Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
BCW60 ZETEX-BCW60 Datasheet
68Kb / 2P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
List of Unclassifed Man...
FMMT5087 ETC-FMMT5087 Datasheet
26Kb / 1P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
BCW31 ZETEX-BCW31 Datasheet
32Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
List of Unclassifed Man...
FMMT5088 ETC1-FMMT5088 Datasheet
37Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com