Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27520YZFR-G3 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ27520YZFR-G3
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27520YZFR-G3 Datasheet(HTML) 2 Page - Texas Instruments

  BQ27520YZFR-G3 Datasheet HTML 1Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 2Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 3Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 4Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 5Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 6Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 7Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 8Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
bq27520-G3
SLUSAP0 – DECEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
INTRODUCTION
......................................... 1
4.3
Manufacturer Information Block
.................... 20
1.1
FEATURES
.......................................... 1
4.4
Access Modes
...................................... 20
1.2
APPLICATIONS
..................................... 1
4.5
Sealing/Unsealing Data Flash
...................... 20
1.3
DESCRIPTION
...................................... 1
4.6
Data Flash Summary
............................... 21
2
DEVICE INFORMATION
................................ 3
5
FUNCTIONAL DESCRIPTION
........................ 24
2.1
Available Options
.................................... 3
5.1
Fuel Gauging
....................................... 24
2.2
Thermal Information
................................. 3
5.2
Impedance Track™ Variables
...................... 25
2.3
Pin Assignment
...................................... 3
5.3
Detailed Pin Description
............................ 28
3
ELECTRICAL SPECIFICATIONS
..................... 5
5.4
Temperature Measurement
........................ 33
3.1
Absolute Maximum Ratings
.......................... 5
5.5
Overtemperature Indication
......................... 33
3.2
Recommended Operating Conditions
............... 5
5.6
Charging and Charge-Termination Indication
...... 33
3.3
Power-On Reset
..................................... 6
5.7
Power Modes
....................................... 34
3.4
2.5-V LDO Regulator
................................ 6
5.8
Power Control
...................................... 36
3.5
Internal Temperature Sensor Characteristics
....... 6
5.9
Autocalibration
...................................... 36
3.6
High-Frequency Oscillator
........................... 6
6
APPLICATION-SPECIFIC INFORMATION
......... 37
3.7
Low-Frequency Oscillator
............................ 7
6.1
Battery Profile Storage and Selection
.............. 37
3.8
Integrating ADC (Coulomb Counter) Characteristics
7
7
COMMUNICATIONS
................................... 38
3.9
ADC (Temperature and Cell Measurement)
7.1
I2C Interface
........................................ 38
Characteristics
....................................... 7
7.2
I2C Time Out
....................................... 38
3.10
Data Flash Memory Characteristics
................. 8
7.3
I2C Command Waiting Time
........................ 39
3.11
I2C-Compatible Interface Communication Timing
7.4
I2C Clock Stretching
................................ 39
Characteristics
....................................... 8
8
REFERENCE SCHEMATICS
......................... 40
4
GENERAL DESCRIPTION
............................. 9
8.1
Schematic
.......................................... 40
4.1
Data Commands
.................................... 10
8.2
Package Dimensions
............................... 41
4.2
Data Flash Interface
................................ 18
2
Contents
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :bq27520-G3
Not Recommended for New Designs


Similar Part No. - BQ27520YZFR-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520YZFR-G3 TI-BQ27520YZFR-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
More results

Similar Description - BQ27520YZFR-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com