Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27520YZFR-G3 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ27520YZFR-G3
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27520YZFR-G3 Datasheet(HTML) 5 Page - Texas Instruments

  BQ27520YZFR-G3 Datasheet HTML 1Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 2Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 3Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 4Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 5Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 6Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 7Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 8Page - Texas Instruments BQ27520YZFR-G3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
bq27520-G3
www.ti.com
SLUSAP0 – DECEMBER 2011
3
ELECTRICAL SPECIFICATIONS
3.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
VALUE
UNIT
VREGIN
Regulator input range
–0.3 to 5.5
V
VCC
Supply voltage range
–0.3 to 2.75
V
VIOD
Open-drain I/O pins (SDA, SCL, SOC_INT)
–0.3 to 5.5
V
VBAT
BAT input pin
–0.3 to 5.5
VI
Input voltage range to all other pins (BI/TOUT, TS, SRP, SRN, BAT_GD)
–0.3 to VCC + 0.3
V
Human-body model (HBM), BAT pin
1.5
ESD
kV
Human-body model (HBM), all other pins
2
TA
Operating free-air temperature range
–40 to 85
°C
TF
Functional temperature range
–40 to 100
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3.2
Recommended Operating Conditions
TA = 25°C and VREGIN = VBAT = 3.6V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No operating restrictions
2.7
4.5
VREGIN
Supply voltage
V
No FLASH writes
2.45
2.7
External input capacitor for internal LDO between
CREGIN
0.1
μF
Nominal capacitor values specified.
REGIN and VSS
Recommend a 5% ceramic X5R type
External output capacitor for internal LDO between
capacitor located close to the device.
CLDO25
0.47
1
μF
VCC and VSS
Fuel gauge in NORMAL mode.
ICC
Normal operating-mode current(1)
118
μA
ILOAD > Sleep Current
Fuel gauge in SLEEP+ mode.
ISLP+
Sleep+ operating mode current(1)
62
μA
ILOAD < Sleep Current
Fuel gauge in SLEEP mode.
ISLP
Low-power storage-mode current(1)
23
μA
ILOAD < Sleep Current
Fuel gauge in HIBERNATE mode.
IHIB
Hibernate operating-mode current(1)
8
μA
ILOAD < Hibernate Current
Output voltage, low (SCL, SDA, SOC_INT,
VOL
IOL = 3 mA
0.4
V
BAT_LOW)
VOH(PP)
Output voltage, high (BAT_LOW, BAT_GD)
IOH = –1 mA
VCC – 0.5
V
External pullup resistor connected to
VOH(OD)
Output voltage, high (SDA, SCL, SOC_INT)
VCC – 0.5
V
VCC
Input voltage, low (SDA, SCL)
–0.3
0.6
VIL
Input voltage, low (BI/TOUT)
BAT INSERT CHECK mode active
–0.3
0.6
V
Input voltage, high (SDA, SCL)
1.2
6
VIH(OD)
Input voltage, high (BI/TOUT)
BAT INSERT CHECK mode active
1.2
VCC + 0.3
VA1
Input voltage range (TS)
VSS – 0.125
2
V
VA2
Input voltage range (BAT)
VSS – 0.125
5
V
VA3
Input voltage range (SRP, SRN)
VSS – 0.125
0.125
V
Ilkg
Input leakage current (I/O pins)
0.3
μA
tPUCD
Power-up communication delay
250
ms
(1)
Specified by design. Not production tested.
Copyright © 2011, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
5
Submit Documentation Feedback
Product Folder Links :bq27520-G3
Not Recommended for New Designs


Similar Part No. - BQ27520YZFR-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520YZFR-G3 TI-BQ27520YZFR-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
More results

Similar Description - BQ27520YZFR-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com