Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7790509PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790509PW
Description  3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790509PW Datasheet(HTML) 5 Page - Texas Instruments

  BQ7790509PW Datasheet HTML 1Page - Texas Instruments BQ7790509PW Datasheet HTML 2Page - Texas Instruments BQ7790509PW Datasheet HTML 3Page - Texas Instruments BQ7790509PW Datasheet HTML 4Page - Texas Instruments BQ7790509PW Datasheet HTML 5Page - Texas Instruments BQ7790509PW Datasheet HTML 6Page - Texas Instruments BQ7790509PW Datasheet HTML 7Page - Texas Instruments BQ7790509PW Datasheet HTML 8Page - Texas Instruments BQ7790509PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
bq77904, bq77905
www.ti.com
SLUSCM3E – JUNE 2016 – REVISED MARCH 2017
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted). All values are referenced to VSS unless otherwise
noted.
(1)
MIN
MAX
UNIT
VI
Input voltage
VDD, VC5, VC4, VC3, VC2, VC1, CCFG, CTRD, CTRC
–0.3
36
V
LD
–30
20
V
SRN, SRP, TS, AVDD, CCFG
–0.3
3.6
V
VO
Output voltage range
DSG, CHGU
–0.3
20
V
CHG
–30
20
V
VTB
–0.3
3.6
V
II
Input current
LD, CHG
500
µA
II
Input current
CHGU, DSG
1
mA
IO
Output current
CHG
1
mA
IO
Output current
CHGU, DSG
1
mA
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
VBAT
Supply voltage
VDD
3
25
V
VI
Input voltage
VC5-VC4, VC4-VC3, VC3-VC2, VC2-VC1,
VC1-VSS
0
5
V
CTRD, CTRC
0
(VDD + 5)
CCFG
0
AVDD
SRN, SRP
–0.2
0.8
LD
0
16
TS
0
VTB
VO
Output voltage
CHG, CHGU, DSG
0
16
V
VTB, AVDD
0
3
TA
Operating free-range temperature
–40
85
°C


Similar Part No. - BQ7790509PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790509PW TI1-BQ7790509PW Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790509PW TI1-BQ7790509PW Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PW TI1-BQ7790509PW Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PW TI1-BQ7790509PW Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PW TI-BQ7790509PW Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790509PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77904_017 TI1-BQ77904_017 Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com