Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22670-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM22670-Q1
Description  42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM22670-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  LM22670-Q1 Datasheet HTML 1Page - Texas Instruments LM22670-Q1 Datasheet HTML 2Page - Texas Instruments LM22670-Q1 Datasheet HTML 3Page - Texas Instruments LM22670-Q1 Datasheet HTML 4Page - Texas Instruments LM22670-Q1 Datasheet HTML 5Page - Texas Instruments LM22670-Q1 Datasheet HTML 6Page - Texas Instruments LM22670-Q1 Datasheet HTML 7Page - Texas Instruments LM22670-Q1 Datasheet HTML 8Page - Texas Instruments LM22670-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM22670, LM22670-Q1
www.ti.com
SNVS584P – SEPTEMBER 2008 – REVISED NOVEMBER 2014
6.6 Electrical Characteristics
Typical values represent the most likely parametric norm at TA = TJ = 25°C, and are provided for reference purposes only.
Unless otherwise specified: VIN = 12 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
LM22670-5.0
VIN = 8 V to 42 V
4.925
5.0
5.075
VFB
Feedback Voltage
V
VIN = 8 V to 42 V, –40°C ≤ TJ ≤ 125°C
4.9
5.1
LM22670-ADJ
VIN = 4.7 V to 42 V
1.266
1.285
1.304
VFB
Feedback Voltage
V
VIN = 4.7 V to 42 V, –40°C ≤ TJ ≤ 125°C
1.259
1.311
ALL OUTPUT VOLTAGE VERSIONS
VFB = 5 V
3.4
IQ
Quiescent Current
mA
VFB = 5 V, –40°C ≤ TJ ≤ 125°C
6
ISTDBY
Standby Quiescent Current
EN Pin = 0 V
25
40
µA
3.4
4.2
5.3
ICL
Current Limit
A
–40°C
≤ TJ ≤ 125°C
3.35
5.5
VIN = 42 V, EN Pin = 0 V, VSW = 0 V
0.2
2
µA
IL
Output Leakage Current
VSW = –1 V
0.1
3
µA
PFM Package
0.12
0.16
PFM Package, –40°C
≤ TJ ≤ 125°C
0.22
RDS(ON)
Switch On-Resistance
SO PowerPAD-8 Package
0.10
0.16
SO PowerPAD-8 Package, –40°C
≤ TJ ≤ 125°C
0.20
500
fO
Oscillator Frequency
kHz
–40°C
≤ TJ ≤ 125°C
400
600
200
TOFFMIN
Minimum Off-time
ns
–40°C
≤ TJ ≤ 125°C
100
300
TONMIN
Minimum On-time
100
ns
IBIAS
Feedback Bias Current
VFB = 1.3 V (ADJ Version Only)
230
nA
Falling
1.6
VEN
Enable Threshold Voltage
V
Falling, –40°C
≤ TJ ≤ 125°C
1.3
1.9
VENHYST
Enable Voltage Hysteresis
0.6
V
IEN
Enable Input Current
EN Input = 0 V
6
µA
Maximum Synchronization
FSYNC
VSYNC = 3.5 V, 50% duty-cycle
1
MHz
Frequency
Synchronization Threshold
VSYNC
1.75
V
Voltage
TSD
Thermal Shutdown Threshold
150
°C
(1)
MIN and MAX limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical values represent most likely parametric norms at the conditions specified and are not ensured.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM22670 LM22670-Q1


Similar Part No. - LM22670-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22670-Q1 TI-LM22670-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Similar Description - LM22670-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
logo
National Semiconductor ...
LM1576-12 NSC-LM1576-12 Datasheet
490Kb / 11P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com