Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M05CDTX Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM78M05CDTX
Description  3-Terminal 500-mA Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78M05CDTX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM78M05CDTX Datasheet HTML 6Page - Texas Instruments LM78M05CDTX Datasheet HTML 7Page - Texas Instruments LM78M05CDTX Datasheet HTML 8Page - Texas Instruments LM78M05CDTX Datasheet HTML 9Page - Texas Instruments LM78M05CDTX Datasheet HTML 10Page - Texas Instruments LM78M05CDTX Datasheet HTML 11Page - Texas Instruments LM78M05CDTX Datasheet HTML 12Page - Texas Instruments LM78M05CDTX Datasheet HTML 13Page - Texas Instruments LM78M05CDTX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
LM341, LM78M05
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7.3 Feature Description
The LM341 and LM78M05 fixed voltage regulators have built-in thermal overload protection which prevents the
device from being damaged due to excessive junction temperature.
The regulators also contain internal short-circuit protection which limits the maximum output current, and safe-
area protection for the pass transistor which reduces the short-circuit current as the voltage across the pass
transistor is increased.
Although the internal power dissipation is automatically limited, the maximum junction temperature of the device
must be kept below 125°C to meet data sheet specifications. An adequate heat sink must be provided to assure
this limit is not exceeded under worst-case operating conditions (maximum input voltage and load current) if
reliable performance is to be obtained.
7.4 Device Functional Modes
7.4.1 Normal Operation
The device OUTPUT pin sources current necessary to make the voltage at the OUTPUT pin equal to the fixed
voltage level of the device.
7.4.2 Operation With Low Input Voltage
The device requires up to 2-V headroom (VI – VO) to operate in regulation. With less headroom, the device may
drop out of regulation in which the OUTPUT voltage would equal INPUT voltage minus dropout voltage.
7.4.3 Operation in Self Protection
When an overload occurs, the device shuts down Darlington NPN output stage or reduce the output current to
prevent device damage. The device automatically resets from the overload. The output may be reduced or
alternate between on and off until the overload is removed.


Similar Part No. - LM78M05CDTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Output Current in Excess of 0.5A, No External Components
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CDTX TI1-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM78M05CDTX/NOPB TI-LM78M05CDTX/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CDTX/NOPB TI1-LM78M05CDTX/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

Similar Description - LM78M05CDTX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM78M05-MIL TI1-LM78M05-MIL Datasheet
648Kb / 19P
[Old version datasheet]   Series 3-Terminal 500-mA Positive Voltage Regulator
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com