Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7392DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7392DP
Description  N-Channel Reduced Qg, Fast Switching WFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7392DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7392DP Datasheet HTML 1Page - Vishay Siliconix SI7392DP Datasheet HTML 2Page - Vishay Siliconix SI7392DP Datasheet HTML 3Page - Vishay Siliconix SI7392DP Datasheet HTML 4Page - Vishay Siliconix SI7392DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D Extremely Low Qgd WFET Technology for
Low Switching Losses
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKr
Package with Low 1.07-mm Profile
D 100% Rg Tested
APPLICATIONS
D High-Side DC/DC Conversion
− Notebook
− Server
Si7392DP
Vishay Siliconix
Document Number: 72165
S-41427—Rev. D, 26-Jul-04
www.vishay.com
1
N-Channel Reduced Qg, Fast Switching WFETr
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.00975 @ VGS = 10 V
15
30
0.01375 @ VGS = 4.5 V
13
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
N-Channel MOSFET
G
D
S
Ordering Information: Si7392DP-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
15
9
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
12
7
A
Pulsed Drain Current
IDM
"50
A
Continuous Source Current (Diode Conduction)a
IS
4.1
1.5
Maximum Power Dissipationa
TA = 25_C
PD
5
1.8
W
Maximum Power Dissipationa
TA = 70_C
PD
3.2
1.1
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction to Ambient (MOSFET)a
t v 10 sec
R
20
25
Maximum Junction-to-Ambient (MOSFET)a
Steady State
RthJA
53
70
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.5
4.5
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI7392DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7392ADP VISHAY-SI7392ADP Datasheet
234Kb / 3P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. B, 26-Jun-06
More results

Similar Description - SI7392DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4392DY VISHAY-SI4392DY Datasheet
55Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. D, 26-Jul-04
SI7392ADP VISHAY-SI7392ADP Datasheet
234Kb / 3P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. B, 26-Jun-06
SI4368DY VISHAY-SI4368DY Datasheet
70Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. A, 02-Feb-04
SI4392DY VISHAY-SI4392DY_06 Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
SI4390DY VISHAY-SI4390DY Datasheet
44Kb / 5P
   N-Channel Qg, Fast Switching WFET
Rev. B, 19-May-03
SI4394DY VISHAY-SI4394DY Datasheet
70Kb / 5P
   N-Channel Reduced Qdg, Fast Switching WFET
Rev. A, 15-Mar-04
SI4860DY VISHAY-SI4860DY Datasheet
39Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFE
Rev. C, 14-Apr-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com