Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2333AIDGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2333AIDGKR
Description  1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2333AIDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2333AIDGKR Datasheet HTML 5Page - Texas Instruments OPA2333AIDGKR Datasheet HTML 6Page - Texas Instruments OPA2333AIDGKR Datasheet HTML 7Page - Texas Instruments OPA2333AIDGKR Datasheet HTML 8Page - Texas Instruments OPA2333AIDGKR Datasheet HTML 9Page - Texas Instruments OPA2333AIDGKR Datasheet HTML 10Page - Texas Instruments OPA2333AIDGKR Datasheet HTML 11Page - Texas Instruments OPA2333AIDGKR Datasheet HTML 12Page - Texas Instruments OPA2333AIDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
-50
200
150
100
50
0
-50
-100
-150
-200
-25
Temperature ( C)
°
125
100
75
50
25
0
V = 5.5 V
S
V = 1.8 V
S
-IB
-IB
+I
B
+I
B
0
100
80
60
40
20
0
-20
-40
-60
-80
-100
1
Common-ModeVoltage(V)
5
4
3
2
-IB
+I
B
0
3
2
1
0
-1
-2
-3
1
Output Current (mA)
10
7
8
9
6
5
4
3
2
-
°
40 C
-
°
40 C
-
°
40 C
+25 C
°
+25 C
°
+25 C
°
+125 C
°
+125 C
°
V = 2.75 V
±
S
V = 0.9 V
±
S
1
120
100
80
60
40
20
0
10k
100k
1k
100
10
Frequency(Hz)
1M
+PSRR
-PSRR
10
120
100
80
60
40
20
0
-20
250
200
150
100
50
0
-50
-100
100k
10k
1k
100
Frequency (Hz)
1M
Phase
Gain
1
140
120
100
80
60
40
20
0
100k
10k
1k
100
10
Frequency(Hz)
1M
OPA333, OPA2333
www.ti.com
SBOS351E – MARCH 2006 – REVISED DECEMBER 2015
At TA = 25°C, VS = 5 V, and CL = 0 pF, unless otherwise noted.
Figure 4. Common-Mode Rejection Ratio vs Frequency
Figure 3. Open-Loop Gain and Phase vs Frequency
Figure 5. Power-Supply Rejection Ratio vs Frequency
Figure 6. Output Voltage Swing vs Output Current
Figure 7. Input Bias Current vs Common-Mode Voltage
Figure 8. Input Bias Current vs Temperature
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA333 OPA2333


Similar Part No. - OPA2333AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI1-OPA2333AIDGKR Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA2333AIDGKRG4 TI-OPA2333AIDGKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKRG4 TI1-OPA2333AIDGKRG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA2333AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com