Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD485ED Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD485ED
Description  Half-Duplex RS-485 Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD485ED Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD485ED Datasheet HTML 1Page - Texas Instruments SN65HVD485ED Datasheet HTML 2Page - Texas Instruments SN65HVD485ED Datasheet HTML 3Page - Texas Instruments SN65HVD485ED Datasheet HTML 4Page - Texas Instruments SN65HVD485ED Datasheet HTML 5Page - Texas Instruments SN65HVD485ED Datasheet HTML 6Page - Texas Instruments SN65HVD485ED Datasheet HTML 7Page - Texas Instruments SN65HVD485ED Datasheet HTML 8Page - Texas Instruments SN65HVD485ED Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
RT
RT
R
A
B
R RE DE D
D
R
A
B
R RE DE D
D
R
D
R
RE
DE
D
A
B
R
D
R
RE
DE
D
A
B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65HVD485E
SLLS612E – JUNE 2004 – REVISED DECEMBER 2015
SN65HVD485E Half-Duplex RS-485 Transceiver
1 Features
3 Description
The
SN65HVD485E
device
is
a
half-duplex
1
Bus-Pin ESD Protection up to 15 kV
transceiver designed for RS-485 data bus networks.
1/2 Unit Load: up to 64 Nodes on a Bus
Powered by a 5-V supply, it is fully compliant with the
Bus-Open-Failsafe Receiver
TIA/EIA-485A standard. This device is suitable for
data transmission up to 10 Mbps over long twisted-
Glitch-Free Power-Up and Power-Down Bus
pair cables and is designed to operate with very low
Inputs and Outputs
supply current, typically less than 2 mA, exclusive of
Available in Small VSSOP-8 Package
the load. When the device is in the inactive shutdown
Meets or Exceeds the Requirements of the
mode, the supply current drops below 1 mA.
TIA/EIA-485A Standard
The wide common-mode range and high ESD
Industry-Standard SN75176 Footprint
protection levels of this device make it suitable for
demanding applications such as: electrical inverters,
2 Applications
status/command
signals
across
telecom
racks,
cabled
chassis
interconnects,
and
industrial
Motor Control
automation
networks
where
noise
tolerance
is
Power Inverters
essential. The SN65HVD485E device matches the
Industrial Automation
industry-standard footprint of the SN75176 device.
Power-on reset circuits keep the outputs in a high-
Building Automation Networks
impedance
state
until
the
supply
voltage
has
Industrial Process Control
stabilized. A thermal-shutdown function protects the
Battery-Powered Applications
device from damage due to system-fault conditions.
The SN65HVD485E device is characterized for
Telecommunications Equipment
operation from –40°C to 85°C air temperature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.91 mm × 3.90 mm
SN65HVD485E
VSSOP (8)
3.00 mm × 3.00 mm
PDIP (8)
9.81 mm × 6.35 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65HVD485ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485ED TI-SN65HVD485ED Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485ED TI1-SN65HVD485ED Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDG4 TI1-SN65HVD485EDG4 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDGK TI-SN65HVD485EDGK Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485EDGK TI1-SN65HVD485EDGK Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results

Similar Description - SN65HVD485ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com