Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3088E Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3088E
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3088E Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD3088E Datasheet HTML 4Page - Texas Instruments SN65HVD3088E Datasheet HTML 5Page - Texas Instruments SN65HVD3088E Datasheet HTML 6Page - Texas Instruments SN65HVD3088E Datasheet HTML 7Page - Texas Instruments SN65HVD3088E Datasheet HTML 8Page - Texas Instruments SN65HVD3088E Datasheet HTML 9Page - Texas Instruments SN65HVD3088E Datasheet HTML 10Page - Texas Instruments SN65HVD3088E Datasheet HTML 11Page - Texas Instruments SN65HVD3088E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
RL =120W
RL =60W
T =25 C
V
=5V
A
CC
o
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
10
20
30
40
50
IO -DifferentialOutputCurrent-mA
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VID -DifferentialInputVoltage-V
T =25 C
V
=5V
V
=0.75V
A
CC
IC
o
-200 -180 -160 -140 -120 -100 -80 -60 -40
-20
0.1
1000
SignalRate-kbps
100
1
10
100
ReceiverOnly
DriverandReceiver
NoLoad,
V
=5V,
T =25 C
50%SquareWaveInput
CC
A
o
1
10
NoLoad,
V
=5V,
T =25 C
50%SquareWaveInput
CC
A
o
ReceiverOnly
DriverandReceiver
0.1
100
1
10
-60
-40
-20
0
20
40
60
-8
-6
-4
-2
0
2
4
6
8
12
VCC =5V
VCC =0V
VI -BusInputVoltage-V
80
10
ReceiverOnly
DriverandReceiver
NoLoad,
V
=5V,
T =25 C
50%SquareWaveInput
CC
A
o
100
SignalRate-kbps
1
10
0.1
1
10
8
SN65HVD3082E, SN75HVD3082E, SN65HVD3085E, SN65HVD3088E
SLLS562I – AUGUST 2009 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: SN65HVD3082E SN75HVD3082E SN65HVD3085E SN65HVD3088E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6.10 Typical Characteristics
Figure 1. Bus Input Current
versus Bus Input Voltage
Figure 2. SN65HVD3082E RMS Supply Current
versus Signaling Rate
Figure 3. SN65HVD3085E RMS Supply Current
versus Signaling Rate
Figure 4. SN65HVD3088E RMS Supply Current
versus Signal Rate
Figure 5. Driver Differential Output Voltage
versus Driver Output Current
Figure 6. Receiver Output Voltage
versus Differential Input Voltage


Similar Part No. - SN65HVD3088E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3088E TI-SN65HVD3088E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3088E TI-SN65HVD3088E Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3088E TI-SN65HVD3088E Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
SN65HVD3088ED TI-SN65HVD3088ED Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3088ED TI-SN65HVD3088ED Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD3088E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com