Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC184D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC184D
Description  Differential Transceiver With Transient Voltage Suppression
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC184D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LBC184D Datasheet HTML 2Page - Texas Instruments SN65LBC184D Datasheet HTML 3Page - Texas Instruments SN65LBC184D Datasheet HTML 4Page - Texas Instruments SN65LBC184D Datasheet HTML 5Page - Texas Instruments SN65LBC184D Datasheet HTML 6Page - Texas Instruments SN65LBC184D Datasheet HTML 7Page - Texas Instruments SN65LBC184D Datasheet HTML 8Page - Texas Instruments SN65LBC184D Datasheet HTML 9Page - Texas Instruments SN65LBC184D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN65LBC184, SN75LBC184
SLLS236I – OCTOBER 1996 – REVISED JUNE 2015
www.ti.com
6.7 Driver Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(DH) Differential output delay time, low-to-high-level output
1.3
μs
td(DL) Differential output delay time, high-to-low-level output
1.3
μs
tPLH
Propagation delay time, low-to-high-level output
0.5
1.3
μs
RL = 54 Ω
tPHL
Propagation delay time, high-to-low-level output
See Figure 9
0.5
1.3
μs
CL = 50 pF
tsk(p)
Pulse skew (| td(DH) – td(DL)|)
75
150
ns
tr
Rise time, single-ended
0.25
1.2
μs
tf
Fall time, single-ended
0.25
1.2
μs
tPZH
Output enable time to high level
RL = 110 Ω
See Figure 6
3.5
μs
tPZL
Output enable time to low level
RL = 110 Ω
See Figure 7
3.5
μs
tPHZ
Output disable time from high level
RL = 110 Ω
See Figure 6
2
μs
tPLZ
Output disable time from low level
RL = 110 Ω
See Figure 7
2
μs
6.8 Receiver Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
150
ns
CL = 50 pF, See Figure 11
tPHL
Propagation delay time, high-to-low-level output
150
ns
tsk(p)
Pulse skew (|tPHL– tPLH|)
50
ns
tr
Rise time, single-ended
20
ns
See Figure 11
tf
Fall time, single-ended
20
ns
tPZH
Output enable time to high level
100
ns
tPZL
Output enable time to low level
100
ns
See Figure 12
tPHZ
Output disable time from high level
100
ns
tPLZ
Output disable time from low level
100
ns
6.9 Dissipation Ratings
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
725 mW
5.8 mW/°C
464 mW
377 mW
P
1150 mW
9.2 mW/°C
736 mW
598 mW
6
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN65LBC184 SN75LBC184


Similar Part No. - SN65LBC184D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184D TI-SN65LBC184D Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184D TI-SN65LBC184D Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184DG4 TI-SN65LBC184DG4 Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184DG4 TI-SN65LBC184DG4 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184DR TI-SN65LBC184DR Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
More results

Similar Description - SN65LBC184D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184_07 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184 Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Guangdong Youtai Semico...
SN75LBC184DR UMW-SN75LBC184DR Datasheet
370Kb / 13P
   DIFFERENTIAL TRANSCEIVER WITH TRANSENT VOLTAGE SUPPRESSION
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com